Electronic Components Datasheet Search
  English  ▼

X  

NE944 Datasheet(PDF) 3 Page - NEC

Part # NE944
Description  NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE944 Datasheet(HTML) 3 Page - NEC

  NE944 Datasheet HTML 1Page - NEC NE944 Datasheet HTML 2Page - NEC NE944 Datasheet HTML 3Page - NEC NE944 Datasheet HTML 4Page - NEC NE944 Datasheet HTML 5Page - NEC NE944 Datasheet HTML 6Page - NEC NE944 Datasheet HTML 7Page - NEC NE944 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NE944 SERIES
FREQ.
NFOPT
GA
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
VCE = 2.5 V, IC = 2.5 mA
500
3.2
11.34
0.33
63
0.75
1000
5.4
7.22
0.29
142
0.45
1500
6.7
4.44
0.32
165
0.64
VCE = 3 V, IC = 5 mA
500
3.8
12.67
0.27
79
0.70
1000
6.3
8.28
0.28
168
0.48
1500
8.3
5.58
0.38
-175
0.55
VCE = 10 V, IC = 5 mA
500
3.8
13.88
0.27
69
0.75
1000
6.3
9.53
0.27
160
0.58
1500
8.3
6.63
0.32
174
0.68
NE94430
TYPICAL NOISE PARAMETERS (TA = 25°C)
FREQ.
NFOPT
GA
ΓOPT
VCE
IC
(MHz)
(dB)
(dB)
MAG
ANG Rn/50
(V)
(mA)
VCE = 8 V, IC = 5 mA
500
3.6
13.00
.43
51
1.0
8
5
1000
5.8
9.34
.29
113
0.7
8
5
VCE = 10 V, IC = 5 mA
500
3.6
12.90
.44
.51
1.04
10
5
1000
6.0
8.90
.32
117
.70
10
5
NE94433
TYPICAL NOISE PARAMETERS (TA = 25°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com