Electronic Components Datasheet Search
  English  ▼

X  

NE73430 Datasheet(PDF) 2 Page - NEC

Part # NE73430
Description  NPN SILICON GENERAL PURPOSE TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE73430 Datasheet(HTML) 2 Page - NEC

  NE73430 Datasheet HTML 1Page - NEC NE73430 Datasheet HTML 2Page - NEC NE73430 Datasheet HTML 3Page - NEC NE73430 Datasheet HTML 4Page - NEC NE73430 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCBO
Collector to Base Voltage
V
30
VCEO
Collector to Emitter Voltage
V
14
VEBO
Emitter to Base Voltage
V
3
IC
Collector Current
mA
50
TJ
Junction Temperature
°C
2002
TSTG
Storage Temperature
°C
-65 to +2003
Notes:
1. Operation in excess of any one of these parameters may result
in permanent damage.
2. Maximum Junction Temperature for the NE73430 is 150
°C.
3. Maximum Storage Temperature for the NE73430 and the
NE73435 Grade D is 150
°C.
FREQ.
NFOPT
GA
ΓΓΓΓΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
VCE = 10 V, IC = 3 mA
500
2.0
16.1
0.30
80
0.63
1000
3.1
11.2
0.43
126
0.33
1500
4.2
9.2
0.54
168
0.19
2000
5.1
7.1
0.56
178
0.20
NE73435
TYPICAL NOISE PARAMETERS (TA = 25°C)
NE734 SERIES
VCE = 10 V, IC = 15 mA
500
3.3
17.5
0.34
120
0.36
1000
4.7
13.5
0.47
168
0.27
1500
6.5
10.8
0.67
-174
0.13
2000
7.4
9.2
0.64
-163
0.46
TYPICAL PERFORMANCE CURVES (TA = 25°C)
SATURATION VOLTAGE vs.
COLLECTOR CURRENT
Collector Current, IC (mA)
VBE(SAT)
IC = 10XIB
VCE(SAT)
0.1
0.2
0.5
1
2
5
10
20
50
2
1
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
Collector Current, IC (mA)
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
VCE = 10 V
NE73435
0.5 0.7 1
2
3
5 7
10
20
30
50
10
7
5
3
2
1
0.7
0.5
0.3
0.1
0.2
Collector Current, IC (mA)
DC CURRENT GAIN
vs. COLLECTOR CURRENT
VCE = 10 V
VCE = 1 V
0.5 0.7 1
2
3
5
7
10
20
30
50
500
300
200
100
70
50
30
20
10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com