Electronic Components Datasheet Search
  English  ▼

X  

PWP Datasheet(PDF) 3 Page - TT Electronics.

Part # PWP
Description  Ideally suited for medical applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PWP Datasheet(HTML) 3 Page - TT Electronics.

  PWP Datasheet HTML 1Page - TT Electronics. PWP Datasheet HTML 2Page - TT Electronics. PWP Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
www.bitechnologies.com www.irctt.com www.welwyntt.com

12.11
  The experience of TT electronics engineers has been used to design this generation of pulse
withstanding planar resistors to be suitable for the majority of applications. However, should an application require
particular consideration, TT electronics designers are able to provide advice and, where applicable, to recommend a non
standard product. Special sizes, designs etc, can be prototyped at short notice.
Ordering Procedure
Example: PWP10 at 200 ohms and 5% tolerance and packed in a box of 160 pieces:

Type
Value (use IEC62 code)
Tolerance (use IEC62 code)
F
1%
J
5%
Packing
B048
Bulk Pack
PWP04
480 / box
Standard
B036
PWP06
360 / box
B024
PWP08
240 / box
B016
PWP10
160 / box
B012
PWP15
120 / box
B008
PWP20
80 / box
Pulse Withstanding Planar Resistors

PWP Series
Pulse Withstanding
Planar Resistors
PWP Series
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com