Electronic Components Datasheet Search
  English  ▼

X  

NE76084 Datasheet(PDF) 2 Page - NEC

Part # NE76084
Description  C to Ku BAND LOW NOISE AMPLIFIER N-CHANNEL GaAs MES FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE76084 Datasheet(HTML) 2 Page - NEC

  NE76084 Datasheet HTML 1Page - NEC NE76084 Datasheet HTML 2Page - NEC NE76084 Datasheet HTML 3Page - NEC NE76084 Datasheet HTML 4Page - NEC NE76084 Datasheet HTML 5Page - NEC NE76084 Datasheet HTML 6Page - NEC NE76084 Datasheet HTML 7Page - NEC NE76084 Datasheet HTML 8Page - NEC NE76084 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NE76084
2
TYPICAL CHARACTERISTICS (TA = 25
°C)
Gain Calculations
|S21|1 + |
∆|2 – |S11|2 – |S22|2
MSG. =
K =
|S12|2 |S12| |S21|
|S21|
MAG. =
(K
± K2 – 1)
∆ = S11·S22 – S21·S12
|S12|
0
50
100
150
200
300
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TA-Ambient Temperature-
°C
200
100
0
50
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS-Drain to Source Voltage-V
40
30
20
10
5
VGS = 0 V
4
3
2
1
–0.2 V
–0.4 V
–0.6 V
–2.0
50
DRAIN CURRENT vs.
GATE TO SOURCE VOLTAGE
VGS-Gate to Source Voltage-V
40
30
20
10
0
–1.0
0
VDS = 3 V
24
TYPICAL GAIN vs. FREQUENCY
16
12
8
0
2
4
6
10
20
8
1
VDS = 3 V
ID = 10 mA
MSG.
S21s2
MAG.
f-Frequency-GHz
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com