Electronic Components Datasheet Search
  English  ▼

X  

NE94430 Datasheet(PDF) 2 Page - NEC

Part # NE94430
Description  NPN SILICON OSCILLATOR AND MIXER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE94430 Datasheet(HTML) 2 Page - NEC

  NE94430 Datasheet HTML 1Page - NEC NE94430 Datasheet HTML 2Page - NEC NE94430 Datasheet HTML 3Page - NEC NE94430 Datasheet HTML 4Page - NEC NE94430 Datasheet HTML 5Page - NEC NE94430 Datasheet HTML 6Page - NEC NE94430 Datasheet HTML 7Page - NEC NE94430 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Collector to Base Voltage, VCB (V)
TYPICAL DEVICE CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCBO
Collector to Base Voltage
V
30
VCEO
Collector to Emitter Voltage
V
15
VEBO
Emitter to Base Voltage
V
3.0
IC
Collector Current
mA
50
TJ
Junction Temperature
NE94432, NE94433
°C
125
NE94430
°C
150
TSTG
Storage Temperature
°C
-55 to +125
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Collector Current, IC (mA)
Collector Current, IC (mA)
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
Ambient Temperature, TA (
°C)
TYPICAL PERFORMANCE CURVES (TA = 25°C)
DC CURRENT GAIN vs.
COLLECTOR CURRENT
Note:
1. Operation in excess of any one of these parameters may result in
permanent damage.
NE944 SERIES
0
25
50
75
100
125
150
300
250
200
150
100
50
0
NE94430
NE94433
FREE AIR
FREE AIR
0.5
1
5
10
50
200
100
92
10
20
50
VCE = 10 V
VCE = 3 V
3
2
1
0.7
0.3
0.2
0.1
5
0.5
0.5 0.7
2
3
5
7 10
20
30
50
1
VCE = -5 V
f = 1.0 MHz
1
2
3
5
7
10
20
30
3
2
1
0.7
0.5
0.3
0.2
0.1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com