Electronic Components Datasheet Search
  English  ▼

X  

QDN006 Datasheet(PDF) 2 Page - TT Electronics.

Part # QDN006
Description  Low leakage current
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

QDN006 Datasheet(HTML) 2 Page - TT Electronics.

  QDN006 Datasheet HTML 1Page - TT Electronics. QDN006 Datasheet HTML 2Page - TT Electronics. QDN006 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Surface Mount Bidirectional
TVS Diode Array
QDN006LF Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Surface Mount
TVS Diode Array
Schematic Data
1
Power Rating Data
10 20 30 40 50 60 70 80 90 100
500
250
0
Time (µs)
Overshoot and Clamping Voltage
25kv 1/30ns waveform ESD Pulse Test
0
5
10
15
20
25
30
t
f
e-t
Pulse Waveform
I @ t = 8µs
PP
f
½I @ t = 20µs
PP
d
Waveform Parameters
Time t (us)
100
80
60
40
20
0
ESD Pulse Waveform Data
0.1
1
10
100
1,00
0
Peak Pulse Power vs Time
10,000
1,000
10
1
Pulse Duration t (µs)
d
25
70
150
100
40
60
80
20
Peak Pulse Power
8/20µs
Average Power
Ambient Temperature (°C)
Power vs Temperature
300W 8/20µs Waveform
125
Level
Initial
Peak
Current
Peak
Current
30ns
Peak
Currnet
60ns
Test
Voltage
Contact
Test
Voltage
Air
(A)
(A)
(A)
(kV)
(kV)
1
7.5
4.0
8.0
2.0
2.0
2
15.0
8.0
4.0
4.0
4.0
3
22.5
12.0
6.0
6.0
8.0
4
30.0
16.0
8.0
8.0
15.0
Discharge Data (IRC 61000-4-2)
QDN006LF Series Issue September 2010 Sheet 2 of 3
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com