Electronic Components Datasheet Search
  English  ▼

X  

ON222 Datasheet(PDF) 2 Page - ams AG

Part # ON222
Description  ON222 is an OR / NAND circuit providing the logical function Q = NOT (AB).(CD).(EF)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ON222 Datasheet(HTML) 2 Page - ams AG

  ON222 Datasheet HTML 1Page - ams AG ON222 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.1
L = 0.7
L = 1.0
L = 0.1
L = 0.7
L = 1.0
Output Slope A to Q
op_slar
1.83
5.73
7.83
1.95
5.81
7.83
op_slaf
1.01
3.65
4.90
1.17
3.62
4.93
Output Slope B to Q
op_slbr
1.87
5.81
7.73
2.17
5.88
7.78
op_slbf
0.95
3.57
4.93
1.11
3.55
4.86
Output Slope C to Q
op_slcr
1.67
5.55
7.62
1.83
5.58
7.62
op_slcf
1.02
3.67
4.90
1.25
3.67
4.97
Output Slope D to Q
op_sldr
1.68
5.57
7.61
1.90
5.57
7.61
op_sldf
0.93
3.58
4.81
1.18
3.58
4.87
Output Slope E to Q
op_sler
1.53
5.73
7.76
1.63
5.76
7.68
op_slef
1.02
3.67
4.88
1.35
3.73
5.00
Output Slope F to Q
op_slfr
1.48
5.63
7.66
1.75
5.52
7.65
op_slff
0.95
3.56
4.92
1.27
3.65
4.88
Sept. 1996
- 321 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
ON222



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com