Electronic Components Datasheet Search
  English  ▼

X  

TS20x Datasheet(PDF) 2 Page - TT Electronics.

Part # TS20x
Description  Improves signal quality
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

TS20x Datasheet(HTML) 2 Page - TT Electronics.

  TS20x Datasheet HTML 1Page - TT Electronics. TS20x Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TaNCap® AC Line
Termination Network
AC Terminator Series
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Physical Data
Model
Body Type
# Pins
Reference IRC Datasheet
QS20x
QSOP
20
Surface Mount QSOP Termination Networks
SL20x
SOIC-W
20
Surface Mount SOIC Termination Networks
TS20x
TSSOP
20
Surface Mount TSSOP Termination Networks
Sample Part Number
GUS - QS20V - 330 - K - 470 - M
Family
Model
QS20P, QS20PLF = 16 circuit QSOP Package
QS20V, QS20VLF = 18 circuit QSOP Package
SL20P, SL20PLF = 16 circuit SOIC-W Package
SL20V, SL20VLF = 18 circuit SOIC-W Package
TS20P, TS20PLF = 16 circuit TSSOP Package
TS20V, TS20VLF = 18 circuit TSSOP Package
Note: LF suffix indicates 100% matte tin, Pb-free termination
Resistor Code
3 digit resistor code
Example: 330 = 33
Ω, 101 = 100Ω
Resistor Tolerance
K = ±10%, M = ±20%
Capacitor Code
3 digit capacitance code
Example: 470 = 47pF, 101 = 100pF
Capacitor Tolerance
K = ±10%, M = ±20%
Packaging Available
Tubes, Tape & Reel
Ordering Data
For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.
TaNCap® AC Line
Termination Network
AC Terminator Series Issue January 2009 Sheet 2 of 2
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com