Electronic Components Datasheet Search
  English  ▼

X  

3RP1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 3RP1
Description  Multifunction Solid State DIN Mount Time Delay Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

3RP1 Datasheet(HTML) 1 Page - Tyco Electronics

  3RP1 Datasheet HTML 1Page - Tyco Electronics 3RP1 Datasheet HTML 2Page - Tyco Electronics 3RP1 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1207
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Catalog 1308242
Issued 3-03 (PDF Rev. 9-09)
3RP1 series
Multifunction Solid State DIN Mount
Time Delay Relay
• AvailableasSPDTorDPDT
• 15timesettingranges
• .05s-100hrprogrammabletimingrange
• Universal24-240VAC/VDCorfixedinputtypes.
• 3Aswitchingcurrentrating
• Fits35mmDINtrack
• Singlefunction,Delay-Onavailable
Input Data @ 25°C
Voltage: Universal Input Type: 24-240V,50/60Hz.ACorDC.
Fixed Input Type: 24,100-127,200-240AC;24VDC.
Operating Range: AC:85to110%.
DC:80to125%.
Power Requirement:
Universal Input Type: AC: 6VA.
DC:2W.
Ordering Information – Authorized distributors are more likely to stock boldface items listed below.
Timing Specifications
Timing Ranges: 0.05to1/0.15to3/0.5to10/1.5to30/5to100sec.;
0.05to1/0.15to3/0.5to10/1.5to30/5to100min.;
0.05to1/0.15to3/0.5to10/1.5to30/5to100hr.
Timing Adjustment:Potentiometeradjustablewithinselectedrange.
Tolerance: ±5%offullscalevalue.
Reset Time: 150ms.
Minimum On Period:35msec.
Repeatability:±1%.
Timing Modes
See the following page for a description of timing modes.
Mechanical Data
Termination:Screwterminal.
Enclosure: PlasticDINcase.
Mounting: 35mmDINtrack.
Weight:(3RP1505)5.29oz.(150g)approximately.
(3RP1525)3.88oz.(110g)approximately.
Environmental Data
Temperature Range: Storage: -40°Cto+80°C.
Operating: -25°Cto+60°C.
Protection Category: IP20accordingtoEN60529.
Contact Data @ 25°C
Arrangements: 1FormC(SPDT).
2FormC(DPDT)
Material:Silvertinoxide.
Rating: 3A@250VAC.
Switching Frequency:2,500ops./hour.
Electrical Life:200,000operationsmin.atratedload.
Mechanical Life:30x106operations.
Standards and Specifications
•IEC721-3-3"Ambientconditions"
•IEC61812-1/DINVDE0435Part2021"SolidStateRelays,TimeRelays"
•IEC1000"electromagneticcompatibility"
•IEC947-5-1:DINVDE0660Part200"Low-voltagecontrolcircuitdevices"
Configuring
•Changingthetimerrangeandtheirfunctionswillonlybeeffectivewhen
theyarecarriedoutinavoltage-freestate.
•TriggerinputB1orB3mustonlybestartedwhenthesupplyvoltageis
applied.
•ThesamepotentialmustbeappliedtoA1andB1,orA3andB3.Withthe
two-voltagedesign,onlyonevoltagerangemustbeconnected.
•Thetriggeringoftheloadparalleledtothestartinputisnotpermissible
whenusingAC(seeadjacentdiagrams).
L1
N
K2
K1
B1
S1
A2
A1
L1
N
K2
K1
B1
S1
A1
S1
Input Voltage
Input
Contact
Wiring
Functions
Part
DC
AC
Type
Arrang.
Diagram
Number
3RP1505 Multifunction
24
24,100-127
Fixed
SPDT
1to8
1to8
3RP15 05-1AQ30
24
24,200-240
Fixed
SPDT
1to8
1to8
3RP15 05-1AP30
24
24,100-127
Fixed
DPDT
9to24
9to24
3RP15 05-1BQ30
24-240
24-240
Universal
DPDT
9to24
9to24
3RP15 05-1BW30
3RP1525 Delay On
24
24,100-127
Fixed
SPDT
1
1
3RP15 25-1AQ30
24
24,200-240
Fixed
SPDT
1
1
3RP15 25-1AP30
24
24,100-127
Fixed
DPDT
9
9
3RP15 25-1BQ30
24
24,200-240
Fixed
DPDT
9
9
3RP15 25-1BP30
Usersshouldthoroughlyreviewthetechnicaldatabeforeselectingaproduct
partnumber.Itisrecommendedthatuseralsoseekoutthepertinentapprovals
filesoftheagencies/laboratoriesandreviewthemtoensuretheproductmeets
therequirementsforagivenapplication.
THIS DATA IS FOR REFERENCE PURPOSES ONLY
This Product's status is: OBSOLETE.
Tyco Electronics no longer offers the 3RP1 series.


Similar Part No. - 3RP1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3RP15 ETC2-3RP15 Datasheet
2Mb / 114P
Monitoring and Control Devices
logo
Tyco Electronics
3RP1505-1AP30 MACOM-3RP1505-1AP30 Datasheet
203Kb / 3P
Multifunction Solid State DIN Mount Time Delay Relay
3RP1505-1AP30 MACOM-3RP1505-1AP30 Datasheet
203Kb / 3P
Multifunction Solid State DIN Mount Time Delay Relay
3RP1505-1AP30 MACOM-3RP1505-1AP30 Datasheet
203Kb / 3P
Multifunction Solid State DIN Mount Time Delay Relay
3RP1505-1AQ30 MACOM-3RP1505-1AQ30 Datasheet
203Kb / 3P
Multifunction Solid State DIN Mount Time Delay Relay
More results

Similar Description - 3RP1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CNT-35-96 MACOM-CNT-35-96 Datasheet
58Kb / 2P
CNT series Multifunction, Digital Time Delay Relay/Counter
3RP1505-1BW30 MACOM-3RP1505-1BW30 Datasheet
203Kb / 3P
Multifunction Solid State DIN Mount Time Delay Relay
3RP1525-1AQ30 MACOM-3RP1525-1AQ30 Datasheet
203Kb / 3P
Multifunction Solid State DIN Mount Time Delay Relay
3RP1505-1AQ30 MACOM-3RP1505-1AQ30 Datasheet
203Kb / 3P
Multifunction Solid State DIN Mount Time Delay Relay
3RP1525-1AP30 MACOM-3RP1525-1AP30 Datasheet
203Kb / 3P
Multifunction Solid State DIN Mount Time Delay Relay
3RP1505-1BQ30 MACOM-3RP1505-1BQ30 Datasheet
203Kb / 3P
Multifunction Solid State DIN Mount Time Delay Relay
1-1393124-7 MACOM-1-1393124-7 Datasheet
50Kb / 2P
Multifunction, Digital Time Delay Relay/Counter
CNT MACOM-CNT Datasheet
58Kb / 2P
Multifunction, Digital Time Delay Relay/Counter
logo
Littelfuse
TRDU LITTELFUSE-TRDU Datasheet
838Kb / 3P
Time Delay Relays Multifunction
2016
TRU LITTELFUSE-TRU Datasheet
491Kb / 2P
Time Delay Relays / Multifunction
2018 Rev: 1-A-032318
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com