Electronic Components Datasheet Search
  English  ▼

X  

RC55P Datasheet(PDF) 2 Page - TT Electronics.

Part # RC55P
Description  Low TCRs over a wide resistance range
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

RC55P Datasheet(HTML) 2 Page - TT Electronics.

  RC55P Datasheet HTML 1Page - TT Electronics. RC55P Datasheet HTML 2Page - TT Electronics. RC55P Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Precision Metal
Film Resistors
RCP series
RC55P Values 10
≤ 100k
Other Values/Styles
Actual Performance
*Actual Performance
Maximum
Typical
Maximum
Typical
Load at rated power : 1000 hrs at 70°C
∆R %
0.10
0.03
0.5
0.1
Dry heat : 1000 hrs at 155°C
∆R %
0.3
0.1
1.0
0.15
Shelf life : 12 months at room temperature
∆R %
0.015
0.003
0.1
0.03
C
°
5
5
1
t
a
o
r
e
Z
C
°
5
5
1
t
a
o
r
e
Z
C
°
0
7
t
a
r
e
w
o
p
d
e
t
a
r
m
o
r
f
g
n
i
t
a
r
e
D
Short term overload
∆R %
0.5
0.005
0.1
0.02
Climatic
∆R %
0.25
0.05
0.3
0.1
6
5
/
5
5
1
/
5
5
6
5
/
5
5
1
/
5
5
y
r
o
g
e
t
a
c
c
i
t
a
m
il
C
Long term damp heat
∆R %
0.25
0.05
0.5
0.1
Temperature rapid change
∆R %
0.04
0.02
0.2
0.05
Resistance to solder heat
∆R %
0.02
0.003
0.06
0.03
Vibration and bump
∆R %
0.2
0.002
0.06
0.02
1
.
0
0
.
1
3
0
.
0
1
.
0
V
/
V
µ
)
y
c
n
e
u
q
e
r
f
f
o
e
d
a
c
e
d
a
n
i(
e
s
i
o
N
1
<
1
<
V
/
m
p
p
e
c
n
a
t
s
i
s
e
r
f
o
t
n
e
i
c
i
f
f
e
o
c
e
g
a
t
l
o
V
Matched Sets and Networks
Welwyn has many years experience in the supply of matched
sets of precision resistors.
Resistors can be supplied matched for tolerance and TCR
down to ±0.02% and ±2ppm/°C, either as separate resistors
or pre-assembled and encapsulated within a plastic box.
The individual resistors within a set or module can be
manufactured with a tolerance of ±0.05% and a TCR of
±5ppm/°C.
Precision Metal
Film Resistors
RCP series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
07.11
Welwyn Components
Application Notes
Performance Data
*An 0.01 ahm addition to be added to the performance claims of all resistors <10R.
Table of Resistance Restrictions
Tolerance
0
7
C
R
5
6
C
R
5
5
C
R
R
C
T
0.05%
0.1 - 0.25%
0.5%3
0.05%
0.1 - 0.25%
0.5%3
0.05%
0.1 - 0.25%
0.5%3
ppm/°C
502
51
10
10R to 500K
10R to 1M
10R to 1M
2R49 to 1M
2R49 to 2M
2R49 to 2M
1R to 2M
10R to 1M
10R to 1M
10R to 1M
10R to 1M
10R to 500K
1R to 500K
1R to 1M
1R to 1M
1R to 2M
1R to 4M
1R to 4M
10R to 1M
10R to 1M
10R to 1M
10R to 1M
10R to 1M
10R to 1M
5R to 1M
5R to 2M
5R to 2M
1R to 2M
10R to 1M
10R to 1M
10R to 1M
10R to 1M
10R to 1M
10R to 1M
10R to 2M
10R to 5M
5R to 10M
1R to 10M
1R to 1M
1R to 2M
1R to 5M
1R to 10M
1R to 10M
1R to 1M
1R to 1M
1R to 2M
1R to 4M
1R to 4M
10R to 500K 10R to 500K
1R to 500K 10R to 750K 10R to 750K 10R to 750K
15
25
1002
Note1:
1. Based on sampling. 100% screened product is available.
2. For maximum availability, where the ohmic value permits, 25ppm/˚C is preferred to 50 or 100ppm/˚C.
3. For maximum availability, where the ohmic value permits, 0.25% is preferred to 0.5%.
Packaging
The standard method of packaging RC55P resistors is taped in ammopacks. Taped resistors on reel or loose packed components
can also be supplied by special request. In the case of tape packed components the usable lead length is reduced by the width
of the tape.
Make Possible
11.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com