Electronic Components Datasheet Search
  English  ▼

X  

RC65P Datasheet(PDF) 3 Page - TT Electronics.

Part # RC65P
Description  Low TCRs over a wide resistance range
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

RC65P Datasheet(HTML) 3 Page - TT Electronics.

  RC65P Datasheet HTML 1Page - TT Electronics. RC65P Datasheet HTML 2Page - TT Electronics. RC65P Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Precision Metal
Film Resistors
RCP series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
07.11
Welwyn Components
Ordering Procedure
Example: RC55P with TCR of 5ppm/°C at 31.6 kilohms and 0.1% tolerance in an ammo pack
box of up to 1000 pieces -
R C 5 5 P V – 3 1 K 6 B I
Type
TCR
V
5 ppm/ °C Y
15 ppm/ °C
T
10 ppm/ °C D
25 ppm/ °C
C
50ppm/ °C
Z
100ppm/°C
Value (use IEC62 code)
Tolerance (use IEC62 code)
W 0.05%
B
0.1%
C
0.25%
Packing
I
Ammo
RC55P, RC65P
Up to 1000/box
Standard
Bulk
RC70P
250/box
For 5ppm/°C screened product, replace the packing suffix with
SC. Example: RC55PV-31K6BSC
D
0.5%
Precision Metal
Film Resistors
RCP series
Make Possible
11.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com