Electronic Components Datasheet Search
  English  ▼

X  

PAL20V8 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # PAL20V8
Description  Flash Erasable, Reprogrammable CMOS PAL Device
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

PAL20V8 Datasheet(HTML) 4 Page - Cypress Semiconductor

  PAL20V8 Datasheet HTML 1Page - Cypress Semiconductor PAL20V8 Datasheet HTML 2Page - Cypress Semiconductor PAL20V8 Datasheet HTML 3Page - Cypress Semiconductor PAL20V8 Datasheet HTML 4Page - Cypress Semiconductor PAL20V8 Datasheet HTML 5Page - Cypress Semiconductor PAL20V8 Datasheet HTML 6Page - Cypress Semiconductor PAL20V8 Datasheet HTML 7Page - Cypress Semiconductor PAL20V8 Datasheet HTML 8Page - Cypress Semiconductor PAL20V8 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
PALCE20V8
4
Electrical Characteristics Over the Operating Range[2]
Parameter
Description
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min.,
VIN = VIH or VIL
IOH = −3.2 mA
Com’l
2.4
V
IOH = −2 mA
Mil/Ind
VOL
Output LOW Voltage
VCC = Min.,
VIN = VIH or VIL
IOL = 24 mA
Com’l
0.5
V
IOL = 12 mA
Mil/Ind
VIH
Input HIGH Level
Guaranteed Input Logical HIGH Voltage for All Inputs[3]
2.0
V
VIL
[4]
Input LOW Level
Guaranteed Input Logical LOW Voltage for All Inputs[3]
−0.5
0.8
V
IIH
Input or I/O HIGH Leakage
Current
3.5V < VIN < VCC
10
µA
IIL
[5]
Input or I/O LOW Leakage
Current
0V < VIN < VIN (Max.)
−100
µA
ISC
Output Short Circuit Current VCC = Max., VOUT = 0.5V
[6,7]
−30
−150
mA
ICC
Operating Power Supply
Current
VCC = Max.,
VIL = 0V, VIH = 3V,
Output Open,
f = 15 MHz
(counter)
5, 7, 10 ns
Com’l
115
mA
15, 25 ns
90
mA
15L, 25L ns
55
mA
10, 15, 25 ns
Mil/Ind
130
mA
15L, 25L ns
Mil/Ind
65
mA
Capacitance[7]
Parameter
Description
Test Conditions
Typ.
Unit
CIN
Input Capacitance
VIN = 2.0V @ f = 1 MHz
5
pF
COUT
Output Capacitance
VOUT = 2.0V @ f = 1 MHz
5
pF
Endurance Characteristics[7]
Parameter
Description
Test Conditions
Min.
Max.
Unit
N
Minimum Reprogramming Cycles
Normal Programming Conditions
100
Cycles
Notes:
2.
See the last page of this specification for Group A subgroup testing information.
3.
These are absolute values with respect to device ground. All overshoots due to system or tester noise are included.
4.
VIL (Min.) is equal to −3.0V for pulse durations less than 20 ns.
5.
The leakage current is due to the internal pull-up resistor on all pins.
6.
Not more than one output should be tested at a time. Duration of the short circuit should not be more than one second. VOUT = 0.5V has been chosen to avoid test problems
caused by tester ground degradation.
7.
Tested initially and after any design or process changes that may affect these parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com