Electronic Components Datasheet Search
  English  ▼

X  

SON Datasheet(PDF) 4 Page - TT Electronics.

Part # SON
Description  Superior temperature performance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SON Datasheet(HTML) 4 Page - TT Electronics.

  SON Datasheet HTML 1Page - TT Electronics. SON Datasheet HTML 2Page - TT Electronics. SON Datasheet HTML 3Page - TT Electronics. SON Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TaNFilm® Flat Precision
Resistor Array
SON Series
Make Possible
09.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
TaNFilm® Flat Precision
Resistor Array
SON Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
11.13
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Ordering Data
Prefix
SON - N989
-
01
-
1002
-
F
B
Model
NS4A: 8-pad, 0.150" wide, schematic A, with 60/40 Sn/Pb terminations
NS4ALF: 8-pad, 0.150" wide, schematic A, with 100% matte tin, Pb-free terminations
NS4B: 8-pad, 0.150" wide, schematic B, with 60/40 Sn/Pb terminations
NS4BLF: 8-pad, 0.150" wide, schematic B, with 100% matte tin, Pb-free terminations
NS7A: 14-pad, 0.150" wide, schematic A, with 60/40 Sn/Pb terminations
NS7ALF: 14-pad, 0.150" wide, schematic A, with 100% matte tin, Pb-free terminations
NS7B: 14-pad, 0.150" wide, schematic B, with 60/40 Sn/Pb terminations
NS7BLF: 14-pad, 0.150" wide, schematic B, with 100% matte tin, Pb-free terminations
NS8A: 16-pad, 0.150" wide, schematic A, with 60/40 Sn/Pb terminations
NS8ALF: 16-pad, 0.150" wide, schematic A, with 100% matte tin, Pb-free terminations
NS8B: 16-pad, 0.150" wide, schematic B, with 60/40 Sn/Pb terminations
NS8BLF: 16-pad, 0.150" wide, schematic B, with 100% matte tin, Pb-free terminations
N959: 8-pad, 0.210" wide, schematic A, with 60/40 Sn/Pb terminations
N959LF: 8-pad, 0.210" wide, schematic A, with 100% matte tin, Pb-free terminations
N954: 8-pad, 0.210" wide, schematic B, with 60/40 Sn/Pb terminations
N954LF: 8-pad, 0.210" wide, schematic B, with 100% matte tin, Pb-free terminations
N989: 14-pad, 0.210" wide, schematic A, with 60/40 Sn/Pb terminations
N989LF: 14-pad, 0.210" wide, schematic A, with 100% matte tin, Pb-free terminations
N987: 14-pad, 0.210" wide, schematic B, with 60/40 Sn/Pb terminations
N987LF: 14-pad, 0.210" wide, schematic B, with 100% matte tin, Pb-free terminations
N999: 16-pad, 0.210" wide, schematic A, with 60/40 Sn/Pb terminations
N999LF: 16-pad, 0.210" wide, schematic A, with 100% matte tin, Pb-free terminations
N998: 16-pad, 0.210" wide, schematic B, with 60/40 Sn/Pb terminations
N998LF: 16-pad, 0.210" wide, schematic B, with 100% matte tin, Pb-free terminations
TCR Code
01 = ±100ppm/°C Commercial Grade
02 = ±50ppm/°C Commercial Grade
03 = ±25ppm/°C Commercial Grade
04 = ±300ppm/°C Military Screened Characteristic M*
05 = ±100ppm/°C Military Screened Characteristic K*
06 = ±50ppm/°C Military Screened Characteristic H*
07 = ±25ppm/°C Military Screened Characteristic H*
Resistance Code
4-Digit resistance code
Ex: 1002 = 10K ; 49R9 = 49.9
Absolute Tolerance Code
J = ±5%; G = ±2%; F = ±1%; D = ±0.5%; C = ±0.25%; B = ±0.1%
Optional R1 Ratio Tolerance Code
F = ±1%; D = ±0.5%; B = ±0.1%; A = ±0.05%; Q = ±0.02%; T = ±0.01%
*Special Notes:
SON NSxx series screened per Group A MIL-PRF-55342
SON N9xx series screened per Group A MIL-PRF-83401
For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.
TaNFilm® Flat Precision
Resistor Array
SON Series Issue January 2009 Sheet 4 of 4
(Inclusion of Prefix is preferred but, historically, it may have been omitted.)
(The USA style coding shown is preferred, but, historically, European style coding (e.g. 10K) may have been used.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com