Electronic Components Datasheet Search
  English  ▼

X  

SOT143 Datasheet(PDF) 2 Page - TT Electronics.

Part # SOT143
Description  Extremely small industry standard package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SOT143 Datasheet(HTML) 2 Page - TT Electronics.

  SOT143 Datasheet HTML 1Page - TT Electronics. SOT143 Datasheet HTML 2Page - TT Electronics. SOT143 Datasheet HTML 3Page - TT Electronics. SOT143 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SOT143 Surface Mount
Resistor Networks
SOT143 Series
Schematic / Circuit Detail
Schematic/
Circuit Code
R1
(Ω)
R2
(Ω)
R3
(Ω)
Available
Absolute
Tolerances
Available
Ratio
Tolerance
Available
Absolute
TCRs
A001
500.0
50.0K
50.0K
J, G, F
G, F, D, B
±100, ±50, ±25
A002
10.0K
10.0K
10.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
A003
900.0
100.0
9.0K
J, G, F, B
G, F, D, B
±100, ±50, ±25
A004
500.0
48.0K
48.0K
J, G, F, B
G, F, D, B
±100, ±50, ±25
A005
200.0
40.0K
40.0K
J, G, F
G, F, D, B
±100, ±50, ±25
A006
2.5K
2.5K
2.5K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
A007
200.0
900.0
900.0
J, G, F
G, F, D, B
±100, ±50, ±25
A008
1.0K
500.0
500.0
J, G, F
G, F, D, B
±100, ±50, ±25
A009
500.0
30.0K
30.0K
J, G, F
G, F, D, B
±100, ±50, ±25
A010
400.0
25.0K
25.0K
J, G, F
G, F, D, B
±100, ±50, ±25
B001
10.0K
10.0K
10.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
B002
900.0
100.0
9.0K
J, G, F
G, F, D, B
±100, ±50, ±25
B003
1.0K
10.0K
10.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
C001
N/A
10.0K
10.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
C002
N/A
1.0K
1.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
C003
N/A
9.0K
1.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
C004
N/A
750.0
750.0
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
C005
N/A
100K
100K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
C006
N/A
33.0K
330.0
J, G, F
G, F, D, B
±100, ±50, ±25
C007
N/A
2.0K
2.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
C008
N/A
10.0K
2.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
C009
N/A
10.0K
200.0
J, G, F
G, F, D, B
±100, ±50, ±25
C010
N/A
2.1K
10.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
C011
N/A
2.15K
10.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
C012
N/A
10.0K
100.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
C013
N/A
7.5K
7.5K
J, G, F, B
G. F, D, B. A
±100, ±50, ±25
C014
N/A
500.0
500.0
J, G, F
G, F, D, B
±100, ±50, ±25
C015
N/A
49.9K
49.9K
J, G, F, B
G. F, D, B. A
±100, ±50, ±25
D001
121.0
1.33K
1.0K
J, G, F
G, F, D, B
±100, ±50, ±25
D002
2.0K
1.0K
2.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
D003
50.0K
5.0K
5.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
D004
5.4K
5.4K
27.5K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
D005
40.0K
40.0K
40.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
D006
10.0K
10.0K
20.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
D007
20.0K
20.0K
20.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
A011
A012
A013
A014
C016
C017
C018
C019
C020
C021
15.0K
30.0K
40.0K
50.0K
60.0K
3.9K
15.0K
30.0K
40.0K
50.0K
60.0K
4.992K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
±100, ±50, ±25
±100, ±50, ±25
±100, ±50, ±25
±100, ±50, ±25
±100, ±50, ±25
G, F, D, B, A
G, F, D, B, A
G, F, D, B, A
G, F, D, B, A
G, F, D, B, A
J, G, F, B
J, G, F, B
J, G, F, B
J, G, F, B
J, G, F, B
N/A
N/A
N/A
N/A
N/A
N/A
2.0K
2.0K
300.0
500.0
125.0K
125.0K
40.0K
40.0K
125.0K
J, G, F, B
G, F, D, B, A
±100, ±50, ±25
±100, ±50, ±25
±100, ±50, ±25
±100, ±50, ±25
G, F, D, B, A
G, F, D, B,
G, F, D, B,
J, G, F, B
J, G, F, B
J, G, F, B
125.0K
40.0K
40.0K
01.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
Make Possible



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com