Electronic Components Datasheet Search
  English  ▼

X  

TR8 Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # TR8
Description  High Performance SMD White LED with Reflector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

TR8 Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
93-21UTC/S400-XX/TR8
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 2 of 10
Device No. : DSE-931-102
prepared date: 26-Feb-2007
Prepared by: Ray Yuan
Package Outline Dimensions
+
-
Polarity
3.0± 0.1
Anode mark
0.26± 0.1
4.6± 0.2
4.34± 0.1
0.74± 0.1
0.74± 0.1
For reflow soldering (propose)
2.7± 0.1
Notes: Tolerances Unless Dimension ±0.1mm,Unit = mm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com