Electronic Components Datasheet Search
  English  ▼

X  

SQP Datasheet(PDF) 3 Page - TT Electronics.

Part # SQP
Description  High overload capability
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

SQP Datasheet(HTML) 3 Page - TT Electronics.

  SQP Datasheet HTML 1Page - TT Electronics. SQP Datasheet HTML 2Page - TT Electronics. SQP Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ordering Procedure
This product has two valid part numbers:
European (Welwyn) Part Number: SQP3-1K2JB5 (SQP3, 1.2 kilohms ±5%, Pb-free)
S Q P
3
-
1 K
2
J
B 5
1
2
3
4
USA (IRC) Part Number: CAF31201JLF (CAF3, 1.2 kilohms ±5%, Pb-free)
C A F
3
1
2
0
1
J
L
F
1
2
3
4
5
6
1
2
3
4
Type
Value
Tolerance Packing & Termination Finish
SQP2, SQP3,
SQP5, SQP7
SQP7S, SQP10,
SQP15, SQP20
E24 = 3/4 characters
R = ohms
K = kilohms
J = ±5%
Pb-free only
K = ±10%
B5
SQP2
3600/box
SQP3
3000/box
SQP5
2400/box
B15
SQP7
1800/box
SQP7S
2400/box
SQP10
1500/box
B1
SQP15
840/box
SQP20
720/box
1
2
3
4
5
6
Type
Size
Body Shape
Value
Tolerance Termination
Finish
Packing
CAF,
CAW
2
Omit for standard
3 digits + multiplier
R = ohms for values
<100 ohms
J = ±5% LF = Pb-free 2 3600/box
3
A= Alternate
(2, 5, 7 & 10W only)
K = ±10%
3 3000/box
5
5 2400/box
7
7 1800/box
10
10 1500/box
15
15 840/box
20
20 720/box
CAW
25
Ceramic Case Resistors –
Wirewound / Metal Oxide
SQP / CAF / CAW Series
Make Possible
09.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com