Electronic Components Datasheet Search
  English  ▼

X  

T43D Datasheet(PDF) 2 Page - TT Electronics.

Part # T43D
Description  Termination variants
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

T43D Datasheet(HTML) 2 Page - TT Electronics.

  T43D Datasheet HTML 1Page - TT Electronics. T43D Datasheet HTML 2Page - TT Electronics. T43D Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Voltage Precision
Thick Film Resistors
T Series
High Voltage Precision
Thick Film Resistors
T Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
07.11
Welwyn Components
Matched Sets
Matched sets can be supplied for use as precision voltage
dividers. These may be screwed together to form sticks and,
by selecting the KU type of termination, a wire connection
can be provided at each end of the stick.
Enquiries are welcomed for special resistors and sets when
resistor length, operating voltage or resistance value are
outside the catalogued range.
Application Notes
Due to the high voltage which can appear between the end
cap and any adjacent metal part, resistors should be mounted
at an adequate distance from other conductors.
An appropriate number of resistors may be screwed together
as a stick to provide an assembly which will be capable to
withstanding any desired voltage, providing no individual
resistor is subject to a greater stress or power dissipation than
is recommended in this data sheet, and that appropriate anti-
corona devices are fitted.
The axial termination should not be bent closer than twice
the diameter of the terminal wire from the body of the
resistor.
Construction
A ruthenium oxide based resistive film is fired onto the
surface of a high quality former. Turned brass end caps are
fitted. A Helical cut is made into the film to adjust its resistive
value and finally a protective sleeve is fitted to provide
mechanical protection and electrical insulation. Resistors for
use in oil or SF6, can be supplied with a lacquer protection
instead of the sleeve.
Terminations
Three styles of termination are available to permit resistors to
be screwed together in a series chain, with the end members
having axial wires for soldering.
Wire Terminations: Styles D and KU.
Non standard terminations available upon
request.
Material:
Solder coated copper wire.
Strength:
The terminations meet the requirements
of IEC 68.2.21
Solderability:
The terminations meet the requirements
of IEC 115-1, Clause 4.17.3.2.
Screw Terminations: Styles TU and KU.
Material:
Turned brass.
Screw Thread:
All caps are tapped UNF – 10 x 4.2 deep.
UNF – 10 is 32 TPI, 60°C thread angle,
4.72±0.07 mm outside diameter, 3.83
mm core diameter.
Coupling Stud:
All KU & TU resistors are supplied with 8
mm long screwed brass studs.
Marking
Type reference, resistance value, tolerance and date code are
legend marked. The resistance value conforms to IEC 62.
Solvent Resistance
The lacquer and the protective sleeve provide excellent
resistance to all normal industrial cleaning solvents suitable for
printed circuits.
Standard Quantities Per Box
All Types
10 or 20 per box
Maximum
Typical
Load at rated power: 1000 hours at 20°C
∆R%
≤
3
.
0
5
:
G
I
>
,
3
:
G
I
Shelf life: 12 months at room temperature
∆R%
0.3
0.1
Derating from rated power at 20°C
Zero at 150°C
Noise (in a decade of frequency)
µV/V
<2.5
Voltage coefficient of resistance
ppm/V
<1
Performance Data
When resistors are required to be potted, the preferred
encapsulant is a silicone compound.
For voltage dividers with a low resistance section below the
minimum available value of 1k
Ω, it is normal practice to use a
Welwyn resistor, RC Series, obtainable down to 1 ohm.
Oil Immersion
For some high voltage applications it is required to immerse
the components in oil or gas to reduce the effects of corona
and surface tracking. A special lacquer protected version of
the resistor is available, suitable for immersion in transformer
oil or SF6.
Packaging
Resistors are supplied packed in boxes.
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com