Electronic Components Datasheet Search
  English  ▼

X  

W58 Datasheet(PDF) 1 Page - Tyco Electronics

Part # W58
Description  P&B Push To Reset Only Thermal Circuit Breaker
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

W58 Datasheet(HTML) 1 Page - Tyco Electronics

  W58 Datasheet HTML 1Page - Tyco Electronics W58 Datasheet HTML 2Page - Tyco Electronics W58 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Catalog 1308242
Issued 3-03 (PDF Rev. 5-10)
Revised 5-10
www.tycoelectronics.com
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Dimensions are shown for reference
purposes only. Specifications and
availability subject to change.
South America: 55-11-2103-6000
Hong Kong: 852-2735-1628
Japan: 81-44-844-8013
UK: 44-8706-080208
USA: 1-800-522-6752
Canada: 1-905-470-4425
Mexico: 01-800-733-8926
C. America: 52-55-1106-0803
Time vs. Current Trip Curve @ +25°C
W58 series
P&B Push To Reset Only
Thermal Circuit Breaker
Time In Seconds
1000
900
800
700
600
500
400
300
200
100
0
.1
1
10
100
1000
(A)
(B)
(A) All 5-30 Amp Models
(B) All 1-4 Amp Models
Overload
Trip Times
100%
145%
200%
400%
600%
800%
1000%
No Trip
Trip in 1 hour
6.0-30 Sec.
1.6-4.5 Sec.
0.60-1.7 Sec.
0.25-0.90 Sec.
0.15-0.65 Sec.
Overload
Trip Times
100%
145%
200%
400%
600%
800%
1000%
No Trip
Trip in 1 hour
10-45 Sec.
3.0-14.0 Sec.
1.4-7.0 Sec.
0.75-4.3 Sec.
0.50-3.4 Sec.
Ambient Compensation Chart
–20 –10
0
10
20
30
40
50
60
1.40
1.30
1.20
1.10
1.00
0.90
0.80
0.70
0.60
Ambient Temperature In Degrees Centigrade (
°C)
To use this chart: Read up from the ambient
temperature to the curve, and across to find a correction
factor. Multiply the breaker rating by the correction
factor to determine the compensated rating. Calculate
the overloads in terms of the compensated rating to use
the published trip curve.
Features
• 0.5 amp to 30 amp ratings.
• Cannot be manually tripped.
• Button extends for visual trip indication.
• Push button to reset breaker.
• Termination is screw or .250” QC.
• Bottom marked amperage rating optionally available.
Agency Approvals
W58 Series is UL 1077 Recognized as Supplementary Protectors, File
E69543 and meets Ignition Protection requirements in accordance
with UL 1500. W58 Series is also CSA Accepted as Supplementary
Protectors (Appliance Component Protectors), File LR15734.
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that users also seek out the pertinent approvals files of
the agencies/laboratories and review them to confirm the product meets the
requirements for a given application.
Electrical Data @ +25°C
Calibration: Breaker will continuously carry 100% of rated load. It may trip
between 101% and 145% of rated load, but must trip at
145% at 25°C.
Dielectric Strength: Over 1,500 volts RMS.
Maximum Operating Voltages: 50VDC; 250VAC.
Interrupt Capacity: 2,000 amps at 50VDC (0.5 - 30 amp models).
1,000 amps at 250VAC (0.5 - 30 amp models).
Note: 30 amp model not UL or CSA
.
Resettable Overload Capacity: Ten times rated current.
Maximum Resistance vs. Current Rating @ +25°C
Mechanical/Environmental Data
Shock: Withstands to 10g.
Endurance Cycling: Over 1,000 cycles at 200% of rated load.
Vibration: Withstands to 10g at 10-55 Hz.
Weight: Less than 1 1/2 oz. (42.5g).
Current
Maximum
Current
Maximum
Rating
Resistance
Rating
Resistance
in Amps
in Ohms
in Amps
in Ohms
0.5
5.0
8
0.020
1
1.35
9
0.020
2
0.32
10
0.014
3
0.18
12
0.010
4
0.10
15
0.010
5
0.026
20
0.005
6
0.026
25
0.006
7
0.020
30*
0.004
*No UL/CSA


Similar Part No. - W58

ManufacturerPart #DatasheetDescription
logo
ITT Industries
W58-124-9019-91S ITT-W58-124-9019-91S Datasheet
35Kb / 1P
QT BNC, 75 OHM R/A PLUG
W58-124-9019910 ITT-W58-124-9019910 Datasheet
121Kb / 2P
QT-BNC 75ohm PLUG OUTLINE DRAWING RBOCs (TELCOs)
W58-124-9019910 ITT-W58-124-9019910 Datasheet
143Kb / 1P
QT-BNC Connector To Tooling Cross Reference
logo
List of Unclassifed Man...
W58-124-9019910 ETC2-W58-124-9019910 Datasheet
1Mb / 28P
Aerospace, Broadcast, Computers Systems, Defense Electronics
logo
ITT Industries
W58-124-9019916 ITT-W58-124-9019916 Datasheet
143Kb / 1P
QT-BNC Connector To Tooling Cross Reference
More results

Similar Description - W58

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393249-0 MACOM-2-1393249-0 Datasheet
225Kb / 3P
P&B Push To Reset Only Thermal Circuit Breaker
2-1393249-1 MACOM-2-1393249-1 Datasheet
225Kb / 3P
P&B Push To Reset Only Thermal Circuit Breaker
2-1393249-2 MACOM-2-1393249-2 Datasheet
225Kb / 3P
P&B Push To Reset Only Thermal Circuit Breaker
2-1393249-4 MACOM-2-1393249-4 Datasheet
225Kb / 3P
P&B Push To Reset Only Thermal Circuit Breaker
2-1393249-8 MACOM-2-1393249-8 Datasheet
225Kb / 3P
P&B Push To Reset Only Thermal Circuit Breaker
2-1423674-8 MACOM-2-1423674-8 Datasheet
220Kb / 3P
Push To Reset Only P&B Thermal Circuit Breaker
2-1423695-4 MACOM-2-1423695-4 Datasheet
225Kb / 3P
P&B Push To Reset Only Thermal Circuit Breaker
W57 MACOM-W57 Datasheet
250Kb / 3P
Compact, Push To Reset Only P&B Thermal Circuit Breaker
W58-XB1A4A-8 MACOM-W58-XB1A4A-8 Datasheet
225Kb / 3P
P&B Push To Reset Only Thermal Circuit Breaker
W54 MACOM-W54 Datasheet
220Kb / 3P
Push To Reset Only P&B Thermal Circuit Breaker
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com