Electronic Components Datasheet Search
  English  ▼

X  

V700 Datasheet(PDF) 3 Page - TT Electronics.

Part # V700
Description  Stability for harsh environments
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

V700 Datasheet(HTML) 3 Page - TT Electronics.

  V700 Datasheet HTML 1Page - TT Electronics. V700 Datasheet HTML 2Page - TT Electronics. V700 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Vitreous Enamelled
Wirewound Resistors
V700 (RB Style) Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
09. 11
Vitreous Enamelled
Wirewound Resistors
V700 (RB Style) Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
88
03. 08
Welwyn Components
Ordering Procedure
Example: V757 (RB57) at 3.3 kilohms and 5% tolerance on a reel of 700 pieces –
R B 5 7 – 3 K 3 J I
Type
Value (use IEC62 code)
Tolerance (use IEC62 code)
J
5%
Packing
I
Ammo
RB59, RB61
1000/box
Standard
Tape
RB57
700/reel
Bulk
RB58, RB60
50/box
OBSOLETE
(RB58 & RB60 ONLY)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com