Electronic Components Datasheet Search
  English  ▼

X  

V757 Datasheet(PDF) 2 Page - TT Electronics.

Part # V757
Description  Stability for harsh environments
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

V757 Datasheet(HTML) 2 Page - TT Electronics.

  V757 Datasheet HTML 1Page - TT Electronics. V757 Datasheet HTML 2Page - TT Electronics. V757 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Vitreous Enamelled
Wirewound Resistors
V700 (RB Style) Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
09. 11
L
f1
f2
6
6
10
f1 – f 2 ≤ 1.4 mm
Terminations
Material
Copper clad steel wire, nickel plated and
solder-coated.
Vitreous Enamelled
Wirewound Resistors
V700 (RB Style) Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
88
03. 08
Welwyn Components
Actual Performance
Maximum
Typical
Load at rated power: 1000 hrs
∆R%
5
3.5
Dry heat: 1000 hours at 200°c
∆R%
2
Shelf life: 12 mths at room temp
∆R%
0.03
0.02
Derating from rated power at 25°C
∆R%
See derating curve
Short term overload
∆R%
1.5
0.5
Climatic
∆R%
0.5
0.2
Climatic category
∆R%
55/200/56
55/200/56
Long term damp heat
∆R%
0.05
0.02
Temperature rapid change
∆R%
0.5
0.05
Resistance to solder heat
∆R%
0.25
0.03
Vibration
∆R%
0.25
0.05
Noise (µV/V in a decade of freqency)
zero
Shock
∆R%
0.2
0.05
Pulse handling
Data available by request
Strength
The terminations meet requirements of
IEC 68.2.21.
Solderability The terminations meet the requirements of IEC
115-1, Clause 4.17.3.2.
Performance Data
25
70
200
315
116
100
54
0
Ambient temperature
°C
Derating Curve
Packaging
For RB59 and RB61 the standard method of packaging is
taped and Ammo Packed.
For RB57, the standard method of packaging is taped and
reeled. RB58 and RB60 are loose packed in boxes.
Alternative packaging available by request.
Type
L
V759
63
V757
73
V761
73
Application Notes
The terminations should not be bent closer than 1.6mm from
the body, and the recommended minimum bend radius is
1.2mm. If resistors are to dissipate full rated power, the
terminations should not be soldered closer than 4mm from
the body.
When cold, vitreous enamel has excellent insulation
resistance. In common with all insulants the specific resistance
of the enamel decreases with increase in temperature.
Therefore, resistors operated at near maximum temperature
cannot be classed as insulated and should not be used in
contact with any conducting material.
Care must be taken when determining clearance distance
between the resistor body and the printed circuit board or
other components to ensure these are not over heated.
Resistance is measured 6mm from the body.
1
L
f1
f2
6
6
10
f1 – f 2 ≤ 1.4 mm
Terminations
Material
Copper clad steel wire, nickel plated and
solder-coated.
Vitreous Enamelled
Wirewound Resistors
V700 (RB Style) Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
88
03. 08
Welwyn Components
Actual Performance
Maximum
Typical
Load at rated power: 1000 hrs
∆R%
5
3.5
Dry heat: 1000 hours at 200°c
∆R%
2
Shelf life: 12 mths at room temp
∆R%
0.03
0.02
Derating from rated power at 25°C
∆R%
See derating curve
Short term overload
∆R%
1.5
0.5
Climatic
∆R%
0.5
0.2
Climatic category
∆R%
55/200/56
55/200/56
Long term damp heat
∆R%
0.05
0.02
Temperature rapid change
∆R%
0.5
0.05
Resistance to solder heat
∆R%
0.25
0.03
Vibration
∆R%
0.25
0.05
Noise (µV/V in a decade of freqency)
zero
Shock
∆R%
0.2
0.05
Pulse handling
Data available by request
Strength
The terminations meet requirements of
IEC 68.2.21.
Solderability The terminations meet the requirements of IEC
115-1, Clause 4.17.3.2.
Performance Data
25
70
200
315
116
100
54
0
Ambient temperature
°C
Derating Curve
Packaging
For RB59 and RB61 the standard method of packaging is
taped and Ammo Packed.
For RB57, the standard method of packaging is taped and
reeled. RB58 and RB60 are loose packed in boxes.
Alternative packaging available by request.
Type
L
V759
63
V757
73
V761
73
Application Notes
The terminations should not be bent closer than 1.6mm from
the body, and the recommended minimum bend radius is
1.2mm. If resistors are to dissipate full rated power, the
terminations should not be soldered closer than 4mm from
the body.
When cold, vitreous enamel has excellent insulation
resistance. In common with all insulants the specific resistance
of the enamel decreases with increase in temperature.
Therefore, resistors operated at near maximum temperature
cannot be classed as insulated and should not be used in
contact with any conducting material.
Care must be taken when determining clearance distance
between the resistor body and the printed circuit board or
other components to ensure these are not over heated.
Resistance is measured 6mm from the body.
1
L
f1
f2
6
6
10
f1 – f 2 ≤ 1.4 mm
Terminations
Material
Copper clad steel wire, nickel plated and
solder-coated.
Vitreous Enamelled
Wirewound Resistors
V700 (RB Style) Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
88
03. 08
Welwyn Components
Actual Performance
Maximum
Typical
Load at rated power: 1000 hrs
∆R%
5
3.5
Dry heat: 1000 hours at 200°c
∆R%
2
Shelf life: 12 mths at room temp
∆R%
0.03
0.02
Derating from rated power at 25°C
∆R%
See derating curve
Short term overload
∆R%
1.5
0.5
Climatic
∆R%
0.5
0.2
Climatic category
∆R%
55/200/56
55/200/56
Long term damp heat
∆R%
0.05
0.02
Temperature rapid change
∆R%
0.5
0.05
Resistance to solder heat
∆R%
0.25
0.03
Vibration
∆R%
0.25
0.05
Noise (µV/V in a decade of freqency)
zero
Shock
∆R%
0.2
0.05
Pulse handling
Data available by request
Strength
The terminations meet requirements of
IEC 68.2.21.
Solderability The terminations meet the requirements of IEC
115-1, Clause 4.17.3.2.
Performance Data
25
70
200
315
116
100
54
0
Ambient temperature
°C
Derating Curve
Packaging
For RB59 and RB61 the standard method of packaging is
taped and Ammo Packed.
For RB57, the standard method of packaging is taped and
reeled. RB58 and RB60 are loose packed in boxes.
Alternative packaging available by request.
Type
L
V759
63
V757
73
V761
73
Application Notes
The terminations should not be bent closer than 1.6mm from
the body, and the recommended minimum bend radius is
1.2mm. If resistors are to dissipate full rated power, the
terminations should not be soldered closer than 4mm from
the body.
When cold, vitreous enamel has excellent insulation
resistance. In common with all insulants the specific resistance
of the enamel decreases with increase in temperature.
Therefore, resistors operated at near maximum temperature
cannot be classed as insulated and should not be used in
contact with any conducting material.
Care must be taken when determining clearance distance
between the resistor body and the printed circuit board or
other components to ensure these are not over heated.
Resistance is measured 6mm from the body.
1
L
f1
f2
6
6
10
f1 – f 2 ≤ 1.4 mm
Terminations
Material
Copper clad steel wire, nickel plated and
solder-coated.
Vitreous Enamelled
Wirewound Resistors
V700 (RB Style) Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
88
03. 08
Welwyn Components
Actual Performance
Maximum
Typical
Load at rated power: 1000 hrs
∆R%
5
3.5
Dry heat: 1000 hours at 200°c
∆R%
2
Shelf life: 12 mths at room temp
∆R%
0.03
0.02
Derating from rated power at 25°C
∆R%
See derating curve
Short term overload
∆R%
1.5
0.5
Climatic
∆R%
0.5
0.2
Climatic category
∆R%
55/200/56
55/200/56
Long term damp heat
∆R%
0.05
0.02
Temperature rapid change
∆R%
0.5
0.05
Resistance to solder heat
∆R%
0.25
0.03
Vibration
∆R%
0.25
0.05
Noise (µV/V in a decade of freqency)
zero
Shock
∆R%
0.2
0.05
Pulse handling
Data available by request
Strength
The terminations meet requirements of
IEC 68.2.21.
Solderability The terminations meet the requirements of IEC
115-1, Clause 4.17.3.2.
Performance Data
25
70
200
315
116
100
54
0
Ambient temperature
°C
Derating Curve
Packaging
For RB59 and RB61 the standard method of packaging is
taped and Ammo Packed.
For RB57, the standard method of packaging is taped and
reeled. RB58 and RB60 are loose packed in boxes.
Alternative packaging available by request.
Type
L
V759
63
V757
73
V761
73
Application Notes
The terminations should not be bent closer than 1.6mm from
the body, and the recommended minimum bend radius is
1.2mm. If resistors are to dissipate full rated power, the
terminations should not be soldered closer than 4mm from
the body.
When cold, vitreous enamel has excellent insulation
resistance. In common with all insulants the specific resistance
of the enamel decreases with increase in temperature.
Therefore, resistors operated at near maximum temperature
cannot be classed as insulated and should not be used in
contact with any conducting material.
Care must be taken when determining clearance distance
between the resistor body and the printed circuit board or
other components to ensure these are not over heated.
Resistance is measured 6mm from the body.
1
OBSOLETE
(RB58 & RB60 ONLY)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com