Electronic Components Datasheet Search
  English  ▼

X  

PS2651 Datasheet(PDF) 2 Page - NEC

Part # PS2651
Description  LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2651 Datasheet(HTML) 2 Page - NEC

  PS2651 Datasheet HTML 1Page - NEC PS2651 Datasheet HTML 2Page - NEC PS2651 Datasheet HTML 3Page - NEC PS2651 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PS2651, PS2651L2, PS2652, PS2652L2
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
Notes:
1. Operation in excess of any one of these parameters may result in
permanent damage.
2. AC voltage for 1 minute at TA = 25
°C, RH = 60 % between input
(Pin No. 1, 2, 3 Common) and output (Pin No. 4, 5, 6 Common).
SYMBOLS
PARAMETERS
UNITS
RATINGS
Diode
VR
Reverse Voltage
V
6
IF
Forward Current
mA
80
PD
Power Dissipation
mW
150
IF (Peak)
Peak Forward Current
A
1
PW = 100
µs, Duty Cycle 1%
Transistor
VCEO
Collector to Emitter Voltage
V
80
VECO
Emitter to Collector Voltage
V
7
IC
Collector Current
mA
50
PC
Power Dissipation
mW
150
Coupled
BV
Isolation Voltage2
Vr.m.s.
5000
TSTG
Storage Temperature
°C
-55 to +150
TOP
Operating Temperature
°C
-55 to +100
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
DIODE POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
Forward Voltage, VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Collector to Emitter Voltage, VCE (V)
200
150
100
50
0
25
50
75
100
200
150
100
50
0
25
50
75
100
TA = 100 ˚C
75 ˚C
50 ˚C
25 ˚C
0 ˚C
-25 ˚C
-55 ˚C
100
10
1
0.1
0.01
0.6
0.8
1.0
1.2
1.4
1.6
50 mA
20 mA
10 mA
IF = 5 mA
70
60
50
40
30
20
10
02
4
6
8
10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com