Electronic Components Datasheet Search
  English  ▼

X  

XF0841P Datasheet(PDF) 1 Page - E-SWITCH

Part # XF0841P
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XF0841P Datasheet(HTML) 1 Page - E-SWITCH

  XF0841P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
P16OAT11CRED
2:1
3/29/2011
XF0841P
B
BMA
1
1
PARTS LIST
DESCRIPTION
PART NUMBER
QTY
ITEM
P16OAT11
F040012
1
1
50-002-02 OPAQUE CONCAVE RED LENS
F052204
1
2
P16 PLASTIC TERMINAL PROTECTOR
F051601
1
3
50-004-05 28VDC (40mA) INCANDESCENT
F050405
1
4
PANEL MOUNTING
4
a
1
3
2
b
7.20
[.283 in]
1
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. MECHANICAL LIFE: 2,000,000 OPERATIONS
5. CONTACT RATING: 5A @250VAC, 8A @125VAC
6A @24VDC
6. CONTACT RESISTANCE: 20 Milli-OHM MAX.
7. MOUINTING PANEL THICKNESS: 0.5 - 5.0mm
8. SEAL RATING: IP40
9. INSULATION RESISTANCE: 1,000 Mega-OHM MIN.
10. OPERATING TEMP.: -25°C to 55°C
11. TRAVEL: 3,0mm FULL TRAVEL
12. LAMP VOLTAGE: 28V 40mA INCANDESCENT
13.
DENOTES CRITICAL PARAMETER.
14. 2002/95/EC (ROHS) COMPLIANT
A
19794
RELEASED FOR PRODUCTION
03/29/11
BMA
24.00 MIN
[.945 in]
18.00 MIN
[.709 in]
16.00
n
- .00
.30
+
.630 -.000
.012
+
in
[]
24.00
[.945 in]
12.00
[.472 in]
12.00
[.472 in]
3
L
1
2
43
a
b (+)
SPDT
CONTACT CONFIGURATION
4
11.10
[.437 in]
10.40
[.409 in]
n2.00
[.079 in]
2
18.00
[.709 in]
24.00
[.945 in]
40.0
[1.57 in]
B
19844
CORRECT RATING NOTE
04/14/11
BMA
B


Similar Part No. - XF0841P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XF0840P E-SWITCH-XF0840P Datasheet
187Kb / 1P
ALL DIMENSIONS IN MM [INCH].
XF0842P E-SWITCH-XF0842P Datasheet
241Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
XF0843P E-SWITCH-XF0843P Datasheet
199Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
XF0844P E-SWITCH-XF0844P Datasheet
211Kb / 1P
P16EET11HWHTWHT
8/31/2011
XF0845P E-SWITCH-XF0845P Datasheet
210Kb / 1P
P16OAT11HWHTWHT
8/31/2011
More results

Similar Description - XF0841P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com