Electronic Components Datasheet Search
  English  ▼

X  

XF0845P Datasheet(PDF) 1 Page - E-SWITCH

Part # XF0845P
Description  P16OAT11HWHTWHT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XF0845P Datasheet(HTML) 1 Page - E-SWITCH

  XF0845P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
P16OAT11HWHTWHT
1.5:1
8/31/2011
XF0845P
A
BGL
1
1
Parts List
DESCRIPTION
PART NUMBER
QTY
ITEM
P16OAT11
F040012
1
1
50-002-15 (WHITE LENS TRANSPARENT)
F050215
1
2
P16 TERMINAL PROTECTOR
F051601
1
3
50-004-31 6V LED (WHITE)
F050431
1
4
PANEL MOUNTING
A
20121
RELEASE FOR PRODUCTION
8/30/11
BGL
7.20
[.283 in]
2.50
[.098 in]
3.00
[.118 in]
38.00
[1.496 in]
27.80
[1.095 in]
1.80
[.071 in]
18.00
[.709 in]
24.00
[.945 in]
1.00
[.039 in]
n16.00
[.630 in]
n2.00
[.079 in]
10.40
[.409 in]
18.00
[.709 in] MIN.
24.00
[.945 in]
MIN.
L
1
2
34
a
b (+)
SPDT
CONTACT CONFIGURATION
8.50
[.335 in]
n14.70
[.579 in]
n16.00
[.630 in]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X = 0.4
X.XX = 0.25
3. TERMINAL NUMBERS FOR REF. ONLY
4. CONTACT RATING: 5A @ 250VAC / 8A @ 125VAC
5. CONTACT RESISTANCE:100mΩ MAX. @ 2-4 VDC
6. ELECTRICAL LIFE: 50,000 CYCLES
7. TRAVEL: 3.0MM
8. CONTACT MATERIAL: COPPER ALLOY WITH SILVER PLATING
9. LAMP VOLTAGE: 6 VDC
10.
CRITICAL PARAMETER
11. 2002/95/EC (ROHS) COMPLIANT
12.00
[.472 in]
.50
[.020 in]
FLAT
2
1
3
4


Similar Part No. - XF0845P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XF0840P E-SWITCH-XF0840P Datasheet
187Kb / 1P
ALL DIMENSIONS IN MM [INCH].
XF0841P E-SWITCH-XF0841P Datasheet
36Kb / 1P
ALL DIMENSIONS IN MM [INCH]
XF0842P E-SWITCH-XF0842P Datasheet
241Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
XF0843P E-SWITCH-XF0843P Datasheet
199Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
XF0844P E-SWITCH-XF0844P Datasheet
211Kb / 1P
P16EET11HWHTWHT
8/31/2011
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com