Electronic Components Datasheet Search
  English  ▼

X  

PS2652 Datasheet(PDF) 1 Page - NEC

Part # PS2652
Description  LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2652 Datasheet(HTML) 1 Page - NEC

  PS2652 Datasheet HTML 1Page - NEC PS2652 Datasheet HTML 2Page - NEC PS2652 Datasheet HTML 3Page - NEC PS2652 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
•
HIGH ISOLATION VOLTAGE
BV: 5 k Vr.m.s. MIN
•
LONG CREEPAGE AND CLEARANCE DISTANCE
8 mm MIN
•
HIGH COLLECTOR TO EMITTER VOLTAGE
VCEO: 80 V MIN
•
HIGH SPEED SWITCHING
tr = 3
µs, tf = 5 µs TYP
•
HIGH CURRENT TRANSFER RATIO
CTR = 200% TYP
•
6 PIN DUAL IN-LINE PACKAGE
PS2651
PS2651L2
PS2652
PS2652L2
1. CTR rank
KD : 160 to 400 (%)
LD : 80 to 240 (%)
MD : 50 to 120 (%)
2. Test Circuit for Switching Time
PART NUMBER
PS2651, PS2651L2, PS2652, PS2652L2
SYMBOLS
PARAMETERS
UNITS
MIN
TYP
MAX
VF
Forward Voltage, IF = 10 mA
V
1.1
1.4
IR
Reverse Current, VR = 5 V
µA5
C
Junction Capacitance, V = 0, f = 1.0 MHz
pF
30
ICEO
Collector to Emitter Dark Current, VCE = 80 V, IF = 0
nA
100
BVCEO
Collector to Emitter Breakdown Voltage, IC = 1 mA, IB = 0
V
80
BVECO
Emitter to Collector Breakdown Voltage, IE = 100
µA, IB = 0
V
7
CTR
Current Transfer Ratio1, IF = 5 mA, VCE = 5 V
%
50
200
400
VCE(sat)
Collector Saturation Voltage, IF = 10 mA, IC = 2 mA
V
0.3
R1-2
Isolation Resistance, Vin-out = 1.0 k V
Ω
1011
C1-2
Isolation Capacitance, V = 0, f = 1.0 MHz
pF
0.6
tr
Rise Time2, VCC = 5 V, IC = 2 mA
µs3
tf
Fall Time2, VCC = 5 V, IC = 2 mA
µs5
LONG CREEPAGE TYPE
HIGH ISOLATION VOLTAGE
6 PIN OPTOCOUPLER
DESCRIPTION
FEATURES
PS2651and PS2652 are optically coupled isolators containing
a GaAs light emitting diode and an NPN silicon phototransistor
in a plastic DIP (Dual In-Line Package). PS2651 has a base
pin and PS2652 has no base pin. Creepage distance and
clearance of leads are over 8 millimeters. PS2651L2 and
PS2652L2 are lead bending type (Gull-wing) for surface
mounting.
ELECTRICAL CHARACTERISTICS (TA = 25°C)
APPLICATIONS
Interface circuit for various instrumentations and control equipment.
•
AC LINE/DIGITAL LOGIC
•
DIGITAL LOGIC INTERFACE
•
TWISTED PAIR LINE RECEIVER
•
TELEPHONE/TELEGRAPH LINE RECEIVER
•
HIGH FREQUENCY POWER SUPPLY FEEDBACK
CONTROL
•
RELAY CONTACT MONITOR
•
POWER SUPPLY MONITOR
PW = 100
µs
Duty Cycle = 1/10
PULSE INPUT
()
IF
VCC
Vout
RL = 100
Ω
50
Ω
1
2
5
4
654
123
654
123
PS2651
PS2651
PS2652
PS2652
PW = 100
µs
Duty Cycle = 1/10
PULSE INPUT
()
IF
VCC
Vout
RL = 100
Ω
50
Ω
1
2
5
4
6
California Eastern Laboratories


Similar Part No. - PS2652

ManufacturerPart #DatasheetDescription
logo
NEC
PS2652 NEC-PS2652 Datasheet
223Kb / 38P
Optocoupler Applications
logo
California Eastern Labs
PS2652 CEL-PS2652 Datasheet
128Kb / 4P
LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
PS2652 CEL-PS2652 Datasheet
120Kb / 3P
Safety Standard Certificate for Photocoupler
logo
NEC
PS2652L2 NEC-PS2652L2 Datasheet
223Kb / 38P
Optocoupler Applications
logo
California Eastern Labs
PS2652L2 CEL-PS2652L2 Datasheet
128Kb / 4P
LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
More results

Similar Description - PS2652

ManufacturerPart #DatasheetDescription
logo
NEC
PS2581L1 NEC-PS2581L1 Datasheet
108Kb / 12P
LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2581AL1 ETC1-PS2581AL1 Datasheet
361Kb / 11P
LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS2581L1 CEL-PS2581L1 Datasheet
398Kb / 11P
LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
PS2581AL1 CEL-PS2581AL1 Datasheet
849Kb / 13P
LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
PS2653 CEL-PS2653 Datasheet
125Kb / 4P
LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
PS2651 CEL-PS2651 Datasheet
128Kb / 4P
LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
PS2601 CEL-PS2601 Datasheet
124Kb / 4P
HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
PS2581-1 CEL-PS2581-1 Datasheet
270Kb / 14P
LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS2581AL1 RENESAS-PS2581AL1_15 Datasheet
258Kb / 15P
LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
PS2581L1 RENESAS-PS2581L1_15 Datasheet
247Kb / 15P
LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com