Electronic Components Datasheet Search
  English  ▼

X  

PS2652L2 Datasheet(PDF) 3 Page - NEC

Part # PS2652L2
Description  LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2652L2 Datasheet(HTML) 3 Page - NEC

  PS2652L2 Datasheet HTML 1Page - NEC PS2652L2 Datasheet HTML 2Page - NEC PS2652L2 Datasheet HTML 3Page - NEC PS2652L2 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
Ambient Temperature, TA (
°C)
80 V
40 V
24 V
10 V
VCE = 5 V
10000
1000
100
10
1
0.1
-60
-40
-20
0
20
40
60
80
100
Collector Saturation Voltage, VCE(sat) (V)
50 mA
IF = 1 mA
2 mA
20 mA
10 mA
5 mA
100
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1
Ambient Temperature, TA (
°C)
Forward Current, IF (mA
)
Normalized to 100
at TA = 25 ˚C
IF = 5 mA, VCE = 5 V
1.2
1.0
0.8
0.6
0.4
0.2
0
-55
-25
0
25
50
75
100
200
150
100
50
0
400
300
200
100
0
0.03
0.1
0.5 0.5 1
5
10
50
NORMALIZED OUTPUT CURRENT
vs. AMBIENT TEMPERATURE
CURRENT TRANSFER RATIO (CTR)
vs. FORWARD CURRENT
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
IF = 5 mA, VCC = 5 V
TA = 25 ˚C
Sample
CTR = 290 %
tf
td
tr
ts
1000
500
100
50
10
5
0.1
0.5
1
5
10
50
SWITCHING TIME
vs. LOAD RESISTANCE
Load Resistance, RL (
Ω)
VCC = 10 V
IC = 2 mA
TA = 25 ˚C
Sample
CTR = 290 %
td
tr
ts
tf
50
10
5
0.5
1
100
100
500
1k
5k
10k
Load Resistance, RL (
Ω)
SWITCHING TIME
vs. LOAD RESISTANCE
PS2651, PS2651L2, PS2652, PS2652L2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com