Electronic Components Datasheet Search
  English  ▼

X  

PS2732-2 Datasheet(PDF) 3 Page - NEC

Part # PS2732-2
Description  HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE SOP PHOTOCOUPLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2732-2 Datasheet(HTML) 3 Page - NEC

  PS2732-2 Datasheet HTML 1Page - NEC PS2732-2 Datasheet HTML 2Page - NEC PS2732-2 Datasheet HTML 3Page - NEC PS2732-2 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
Ambient Temperature, TA (
°C)
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
Collector Saturation Voltage, VCE(sat) (V)
NORMALIZED OUTPUT CURRENT
vs. AMBIENT TEMPERATURE
Forward Current, IF (mA)
Load Resistance, RL (
Ω)
FREQUENCY RESPONSE
Frequency, f (kHz)
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
Ambient Temperature, TA (
°C)
CURRENT TRANSFER RATIO (CTR)
vs. FORWARD CURRENT
SWITCHING TIME vs.
LOAD RESISTANCE
PS2732-1,-2,-4, PS2733-1,-2,-4
10
µ
-50
-25
025
50
VCE = 300 V
1
µ
100 n
10 n
1 n
100 p
75
100
IF = 5 mA
IF = 2 mA
IF = 1 mA
IF = 0.5 mA
100
10
1000
1
0.1
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Normalized to 1.0
at TA = 25 ˚C
IF = 1 mA, VCE = 2 V
1.2
-50
-25
025
50
1.0
0.8
0.6
0.4
0.2
75
100
0
VCE = 2 V
4000
3000
2000
1000
0.1
0.5
1
5000
0
510
20
Sample A
Sample B
100
50
10
5
20
50
100
300
1
500
1 k
2 k
VCC = 10 V, IC = 10 mA
Pulse Width = 5 ms
Duty Cycle = 1/2
tr
td
tf
ts
VCE = 4 V, IC = 10 mA
VIN = 0.1 Vp-p
1 k
Ω
VIN
1
µF
47
Ω
VOUT
RL
1 k
Ω
100
Ω
10
Ω
-5
-10
-15
-20
-25
0.01
0.1
1
0
-30
10
100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com