Electronic Components Datasheet Search
  English  ▼

X  

PA92U Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PA92U
Description  High Voltage Power Operational Amplifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA92U Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PA92U Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 1 page
background image
PA92
PA92U
5
SAFE OPERATING CURVES
Thesafeoperatingareacurvesdefinethemaximumadditionalinternalpowerdissipationtheamplifiercantolerate
whenitproducesthenecessaryoutputtodriveanexternalload.
INPUT PROTECTION
AlthoughthePA92canwithstanddifferentialvoltagesupto±20V,ad-
ditionalexternalprotectionisrecommended.Lowleakage,lowcapaci-
tanceJFETsconnectedasdiodesarerecommended(e.g.2N4416,Q1-
Q4inFigure2).Thedifferentialinputvoltagewillbeclampedto±1.4V.
Thisissufficientoverdrivetoproducemaximumpowerbandwidth.
POWER SUPPLY PROTECTION
Unidirectionalzenerdiodetransientsuppressorsarerecommendedas
protectiononthesupplypins.SeeFigure2.Thezenersclamptransients
tovoltageswithinthepowersupplyratingandalsoclamppowersupply
reversals to ground. Whether the zeners are used or not, the system
powersupplyshouldbeevaluatedfortransientperformanceincluding
power-onovershootandpower-offpolarityreversalsaswellaslineregulation.
Conditionswhichcancauseopencircuitsorpolarityreversalsoneitherpowersupplyrailshouldbeavoidedorpro-
tectedagainst.Reversalsoropensonthenegativesupplyrailisknowntoinduceinputstagefailure.Unidirectional
transzorbspreventthis,anditisdesirablethattheybebothelectricallyandphysicallyasclosetotheamplifieras
possible.
STABILITY
ThePA92isexternallycompensatedandperformancecanbetailoredtotheapplication.Usethegraphsofsmall
signalresponseandpowerresponseasaguide.ThecompensationcapacitorC
Cmustberatedat500Vworking
voltage.AnNPOcapacitorisrecommended.ThecompensationnetworkC
CRCmustbemountedcloselytotheam-
plifierpins4and5toavoidspuriousoscillation.
QUIESCENT CURRENT REDUCTION
Whenpin3(I
Q)isshortedtopin5(CC2)theABbiasingoftheoutputstageisdisabled.Thislowersquiescentpower
butalsoraisesdistortionsincetheoutputstageisthenclassCbiased.Theoutputstagebiascurrentisnominally
setat1mA.Pin3maybeleftopenifnotused.
+VS
–IN
+IN
Z1
Z2
11, 12
7, 8
1
2
6
PA90
Q1
Q2
–VS
Q3
Q4
FIGURE 2.
OVERVOLTAGE
PROTECTION
NEED TECHNICAL HELP? CONTACT APEX SUPPORT!
ForallApexMicrotechnologyproductquestionsandinquiries,calltollfree800-546-2739inNorthAmerica.
Forinquiriesviaemail,pleasecontactapex.support@apexanalog.com.
InternationalcustomerscanalsorequestsupportbycontactingtheirlocalApexMicrotechnologySalesRepresentative.
Tofindtheonenearesttoyou,gotowww.apexanalog.com
IMPORTANTNOTICE
ApexMicrotechnology,Inc.hasmadeeveryefforttoinsuretheaccuracyofthecontentcontainedinthisdocument.However,theinformationissubjecttochange
withoutnoticeandisprovided"ASIS"withoutwarrantyofanykind(expressedorimplied).ApexMicrotechnologyreservestherighttomakechangeswithoutfurther
noticetoanyspecificationsorproductsmentionedhereintoimprovereliability.ThisdocumentisthepropertyofApexMicrotechnologyandbyfurnishingthisinforma-
tion,ApexMicrotechnologygrantsnolicense,expressedorimpliedunderanypatents,maskworkrights,copyrights,trademarks,tradesecretsorotherintellectual
propertyrights.ApexMicrotechnologyownsthecopyrightsassociatedwiththeinformationcontainedhereinandgivesconsentforcopiestobemadeoftheinforma-
tiononlyforusewithinyourorganizationwithrespecttoApexMicrotechnologyintegratedcircuitsorotherproductsofApexMicrotechnology.Thisconsentdoesnot
extendtoothercopyingsuchascopyingforgeneraldistribution,advertisingorpromotionalpurposes,orforcreatinganyworkforresale.
APEXMICROTECHNOLOGYPRODUCTSARENOTDESIGNED,AUTHORIZEDORWARRANTEDTOBESUITABLEFORUSEINPRODUCTSUSEDFOR
LIFESUPPORT,AUTOMOTIVESAFETY,SECURITYDEVICES,OROTHERCRITICALAPPLICATIONS.PRODUCTSINSUCHAPPLICATIONSAREUNDER-
STOODTOBEFULLYATTHECUSTOMERORTHECUSTOMER’SRISK.
ApexMicrotechnology,ApexandApexPrecisionPoweraretrademarksofApexMicrotechnolgy,Inc.Allothercorporatenamesnotedhereinmaybetrademarks
oftheirrespectiveholders.
Copyright © Apex Microtechnology, Inc. 2012
(All Rights Reserved)
www.apexanalog.com
MAR 2015
PA92U REVR



Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com