Electronic Components Datasheet Search
  English  ▼

X  

PA92U Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PA92U
Description  High Voltage Power Operational Amplifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PA92U Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PA92U Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PA92
PA92U
1
PA92
FEATURES
♦ HIGH VOLTAGE — 400V (±200V)
♦ LOW QUIESCENT CURRENT — 10mA
♦ HIGH OUTPUT CURRENT — 4A
♦PROGRAMMABLECURRENTLIMIT
APPLICATIONS
♦PIEZOELECTRICPOSITIONING
♦HIGHVOLTAGEINSTRUMENTATION
♦ELECTROSTATICTRANSDUCERS
♦PROGRAMMABLEPOWERSUPPLIESUP
TO 390V
Q1
Q2
R1 R2
C1
R3
Q3
CC1
12
11
1
4
5
9
6
10
2
7
8
CC2
3
Q6
Q5
R5
R8
R9
Q15
R11
R12
Q16
Q12
Q8
R4
R7
Q4
ILIM
OUT
Q18
R10
Q13
Q11
+VS
–IN
+IN
–VS
IQ
R6
Q14B
Q14A
High Voltage Power Operational Amplifiers
PA92
DESCRIPTION
The PA92 is a high voltage, low quiescent current
MOSFEToperationalamplifierdesignedasalowcost
solutionfordrivingcontinuousoutputcurrentsupto4A
andpulsecurrentsupto7A.Thesafeoperatingarea
(SOA)hasnosecondbreakdownlimitationsandcan
beobservedforalltypeloadsbychoosinganappropri-
atecurrentlimitingresistor.TheMOSFEToutputstage
isbiasedABforlinearoperation.Externalcompensa-
tionprovidesflexibilityinchoosingbandwidthandslew
ratefortheapplication.ApexMicrotechnology’sPower
SIPpackageusesaminimumofboardspaceallowing
forhighdensitycircuitboards. ThePowerSIPpackage
iselectricallyisolated.
EQUIVALENT SCHEMATIC
1
2
3
4
5
6
7
8
9
10
–IN
+IN
RCL
+Vs
–Vs
TO LOAD
AND FEEDBACK
11
12
Rc
Cc
*
*
(See I
Q Reduction)
* Bypassing required.
IQ
PATENTED
12-pin SIP
PACKAGE
STYLE DP
Formedleadsavailable
SeepackagestyleEE
EXTERNAL CONNECTIONS
Copyright © Apex Microtechnology, Inc. 2012
(All Rights Reserved)
www.apexanalog.com
MAR 2015
PA92U REVR


Similar Part No. - PA92U

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA92 APEX-PA92 Datasheet
243Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA92 CIRRUS-PA92 Datasheet
462Kb / 6P
High Voltage Power Operational Amplifiers
PA92 CIRRUS-PA92 Datasheet
207Kb / 6P
High Voltage Power Operational Amplifiers
PA92 CIRRUS-PA92 Datasheet
658Kb / 6P
High Voltage Power Operational Amplifiers
PA92 CIRRUS-PA92_09 Datasheet
207Kb / 6P
High Voltage Power Operational Amplifiers
More results

Similar Description - PA92U

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA62 APEX-PA62 Datasheet
293Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 APEX-PA94 Datasheet
224Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
PA15FL APEX-PA15FL Datasheet
275Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
High Voltage Power Operational Amplifiers
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
High Voltage Power Operational Amplifiers
logo
List of Unclassifed Man...
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
High Voltage Power Operational Amplifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com