Electronic Components Datasheet Search
  English  ▼

X  

WA04P Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # WA04P
Description  Unbalanced p type attenuator circuit in one chip (1.0mm x 1.0mm)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WA04P Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  WA04P Datasheet HTML 1Page - List of Unclassifed Manufacturers WA04P Datasheet HTML 2Page - List of Unclassifed Manufacturers WA04P Datasheet HTML 3Page - List of Unclassifed Manufacturers WA04P Datasheet HTML 4Page - List of Unclassifed Manufacturers WA04P Datasheet HTML 5Page - List of Unclassifed Manufacturers WA04P Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Approval sheet
Page 5 of 6
ASC_WA04P_V14
Feb. 2012
TEST AND REQUIREMENTS (JIS C 5201-1 : 1998)
TEST
PROCEDURE
REQUIREMENT
Characteristic
Impedance
Measuring circuit
50
Ω
Insulation
resistance
Clause 4.6
Apply the 50VDC for 1minute
At least 100M
Ω
Solderability
Clause 4.17
Un-mounted chips completely immersed for 2±0.5 second in a SAC
solder bath at 235℃±5℃
good tinning (>95% covered)
no visible damage
Resistance to
soldering
heat(R.S.H)
Clause 4.18
Un-mounted chips completely immersed for 10±1 second in a SAC
solder bath at 260℃±5ºC
no visible damage
Attenuation 0.5~ 2dB : within
±0.1dB
Attenuation 3~ 5dB : within
±0.2dB
Attenuation 6~ 20dB : within
±0.3dB
Temperature
cycling
Clause 4.19
30 minutes at -55
°C±3°C, 2~3 minutes at 20°C+5°C-1°C, 30
minutes at +125
°C±3°C, 2~3 minutes at 20°C+5°C-1°C, total
5 continuous cycles
no visible damage
Attenuation 0.5~ 2dB : within
±0.1dB
Attenuation 3~ 5dB : within
±0.2dB
Attenuation 6~ 20dB : within
±0.3dB
Load life
(endurance)
Clause 4.25
1000 +48/-0 hours, loaded with RCWV or Vmax in chamber
controller 85±2ºC, 1.5 hours on and 0.5 hours off
no visible damage
Attenuation 0.5~ 2dB : within
±0.1dB
Attenuation 3~ 5dB : within
±0.2dB
Attenuation 6~ 20dB : within
±0.3dB
Dielectric Withstand
Voltage
Clause 4.7
Apply the maximum overload voltage (AC) for 1 minute
No breakdown or flashover



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com