Electronic Components Datasheet Search
  English  ▼

X  

RTC4543 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RTC4543
Description  SERIAL-INTERFACE REAL TIME CLOCK MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RTC4543 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RTC4543 Datasheet HTML 1Page - List of Unclassifed Manufacturers RTC4543 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
50
Real time clock module
FDT
MSB
Seconds (0 to 59)
s 40
s 20
s 10
s 8
s 4
s 2
s 1
∗
Minutes (0 to 59)
mi 40
mi 20
mi 10
mi 8
mi 4
mi 2
mi 1
∗
Hour (0 to 23)
∗
h 20
h 10
h 8
h 4
h 2
h 1
Day of the week (1 to 7)
∗
w 4
w 2
w 1
∗
Day (1 to 31)
∗
d 20
d 10
d 8
d 4
d 2
d 1
TM
Month (1 to 12)
∗
∗
mo 10
mo 8
mo 4
mo 2
mo 1
y 80
year (0 to 99)
y 40
y 20
y 10
y 8
y 4
y 2
y 1
FDT bit: Supply voltage detection bit.
TM bit: Test bit always set this bit to "0".
Switching characteristics
Block diagram
Register table
Timing chart
32.768 kHz
FOUT
CLK
WR
CE
FSEL
FOE
DATA
(Ta=-40 to +85˚C, CL=30 pF)
Output
controller
I/O
controller
Control
circuit
Voltage
detecter
Divider
Oscillator
Clock and calendar
Shift register
FOE
FOUT
FOUT
DATA
CLK
CE
WR
DATA
CLK
CE
WR
VIL
VIH
Enabled
High impedance
Disabled
tXZ
tf 2
tSD tHD
tDATA
tCLKH
tCLKH
tCES
tCES
tCLK
tCLK
tWRS
tWRS
tr1
tCE
tCE
tf1
tr1
tf1
tCEH
tOZ
tCEH
tRCV
tRCV
tWRH
tWRH
tCLKL
tCLKL
tr2
t
tH
tZX
Duty=
x 100
t
tH
[%]
Data read
Data write
FOUT
Disabled and Enabled
Item
CLK clock cycle
CLK high pulse width
CLK low pulse width
CE setup time
CE hold time
CE enable time
Write data setup time
Write data hold time
WR setup time
WR hold time
DATA output delay time
DATA output floating time
Clock input rise time
Clock input fall time
FOUT rise time
FOUT fall time
Disable time
Enable time
FOUT duty ratio
Wait time
Symbol
t CLK
t CLKH
t CLKL
t CES
t CEH
t CE
t SD
t HD
t WRS
t WRH
t DATA
t DZ
t r1
t f1
t r2
t f2
t XZ
t ZX
Duty
t rcv
Min.
0.75
0.375
—
0.1
100
—
40
0.95
Max.
7800
3900
—
0.9
—
0.2
0.1
50
100
60
—
Min.
1.5
0.75
—
0.2
0.1
100
—
40
1.9
Max.
7800
3900
—
0.9
—
0.4
0.2
100
200
60
—
Unit
µs
s
µs
ns
µs
ns
%
µs
CL= 30pF
VDD= 5V± 10%
VDD= 3V± 10%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com