Electronic Components Datasheet Search
  English  ▼

X  

M8550 Datasheet(PDF) 2 Page - Yea Shin Technology Co., Ltd

Part # M8550
Description  Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd

M8550 Datasheet(HTML) 2 Page - Yea Shin Technology Co., Ltd

  M8550 Datasheet HTML 1Page - Yea Shin Technology Co., Ltd M8550 Datasheet HTML 2Page - Yea Shin Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.yeashin.com
2
REV.02 20140401
M8550
DEVICE CHARACTERISTICS
-0.1
-1
-10
1
10
100
-0
-20
-40
-60
-80
-100
0
50
100
150
200
250
300
-1
-10
-100
200
400
600
800
1000
0
25
50
75
100
125
150
0
100
200
300
400
500
600
700
-1
-10
-100
-200
-400
-600
-800
-1000
-1
-10
-100
-0
-50
-100
-150
-200
-250
-300
-0
-1
-2
-3
-4
-5
-6
-7
-0
-50
-100
-150
-200
-250
f=1MHz
I
E=0 / IC=0
T
a=25
oC
REVERSE VOLTAGE V (V)
V
CB
/ V
EB
C
ob
/ C
ib
——
C
ib
C
ob
-20
COLLECTOR CURRENT I
C
(mA)
V
CE=-6V
T
a=25
oC
I
C
f
T
——
-800
V
CE= -1V
T
a=100
oC
T
a=25
oC
COLLECTOR CURRENT I
C
(mA)
I
C
h
FE
——
AMBIENT TEMPERATURE T
a
( )
℃
P
c
——
T
a
625
-800
COLLECTOR CURRENT I
C
(mA)
T
a=25
℃
T
a=100
℃
β=10
I
C
V
BEsat
——
-800
T
a=25
℃
T
a=100
℃
β=10
V
CEsat
——
I
C
COLLECTOR CURRENT I
C
(mA)
COMMON
EMITTER
T
a=25
℃
-800uA
-720uA
-640uA
-560uA
-480uA
-400uA
-320uA
-240uA
-160uA
I
B=-80uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
Static Characteristic



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com