Electronic Components Datasheet Search
  English  ▼

X  

HA55 Datasheet(PDF) 1 Page - TT Electronics.

Part # HA55
Description  RoHS Compliant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HA55 Datasheet(HTML) 1 Page - TT Electronics.

  HA55 Datasheet HTML 1Page - TT Electronics. HA55 Datasheet HTML 2Page - TT Electronics. HA55 Datasheet HTML 3Page - TT Electronics. HA55 Datasheet HTML 4Page - TT Electronics. HA55 Datasheet HTML 5Page - TT Electronics. HA55 Datasheet HTML 6Page - TT Electronics. HA55 Datasheet HTML 7Page - TT Electronics. HA55 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Power Inductor
MODEL HA55
Magnetics
OperatingTemperatureRange-40°Cto+155°C
Highinductance,highefficiencyandexcellent
currenthandling
UseasDC-DCconverterandinhighcurrent
applications,suitableforindustrialaswellas
automotiveapplication
RoHSCompliant
AEC-Q200Certified
Notes : (1) Inductance is measured at 100kHz, 0.1Vrms, 0Adc.
(2)TheratedcurrentistheapproximateDCcurrentatwhichΔTisapproximately60°C.Thiscurrentisdeterminedbysoldering
theunitonatypicalapplicationPCB,andthenapplyingthecurrenttotheunitfor30minutes.
(3)Isatisthesaturationcurrentatwhichinductancerollsoffapproximately30%fromitsinitialunbiasinductancevalue.
*Lowcostversion
Part Number
Inductance
100kHz, 100mV
(μH) TYP
@Rated Current
Inductance
100kHz, 100mV
(μH) TYP
I
rated
Rated
Current (A)
I
sat
Saturation
Current (A)
DC Resistance
SRF
MHz
Type
Figure
mΩ
Typ
mΩ
Max
HA55-3623200LF
20.00
14.50
33.00
35.0
3.35
3.85
14.0
1
HA55-3023115LF
11.50
8.24
39.00
43.0
2.30
2.76
33.0
2
HA55-2223070LF
7.00
5.33
40.00
48.0
1.70
2.00
33.0
3
HA55-3023130LF
13.00
9.33
37.00
40.0
2.50
3.25
19.0
4
HA55L-3623220LF*
22.00
13.00
34.00
26.0
3.35
3.85
12.0
1
HA55L-3023135LF*
13.50
8.42
39.00
30.0
2.30
2.76
33.0
2
HA55L-2223088LF*
8.83
5.52
41.00
33.0
1.70
2.00
36.0
3
HA55L-3023163LF*
16.30
9.38
37.00
27.0
2.50
3.25
25.0
4
HA55L-3623400LF*
40.00
24.00
26.00
20.0
5.70
6.20
8.25
1
HA55L-4523500LF*
50.00
26.00
32.00
20.0
7.25
8.35
6.85
5
Specifications@25°C
ElectricalSchematic
Rev.02
GeneralNote
TTElectronicsreservestherighttomakechangesinproductspecificationwithoutnoticeorliability.
AllinformationissubjecttoTTElectronics’owndataandisconsideredaccurateattimeofgoingtoprint.
©TTElectronicsplc
www.ttelectronicsmagnetics.com
AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2)


Similar Part No. - HA55

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HA55 BITECH-HA55 Datasheet
668Kb / 8P
Power Inductor
logo
Beijing Yaohuadechang E...
HA55 YHDC-HA55 Datasheet
5Mb / 1P
Hall closed loop current sensor
logo
Bi technologies
HA55-2223070LF BITECH-HA55-2223070LF Datasheet
668Kb / 8P
Power Inductor
HA55-3023115LF BITECH-HA55-3023115LF Datasheet
668Kb / 8P
Power Inductor
HA55-3023130LF BITECH-HA55-3023130LF Datasheet
668Kb / 8P
Power Inductor
More results

Similar Description - HA55

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
RoHS compliant
Sep .2.2013
logo
Pulse A Technitrol Comp...
HX1198FNLT PULSE-HX1198FNLT Datasheet
454Kb / 4P
ROHS COMPLIANT
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
ROHS COMPLIANT
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
ROHS COMPLIANT
EX2024FNL PULSE-EX2024FNL Datasheet
361Kb / 3P
ROHS COMPLIANT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com