Electronic Components Datasheet Search
  English  ▼

X  

P170 Datasheet(PDF) 2 Page - TT Electronics.

Part # P170
Description  RoHS compliant
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

P170 Datasheet(HTML) 2 Page - TT Electronics.

  P170 Datasheet HTML 1Page - TT Electronics. P170 Datasheet HTML 2Page - TT Electronics. P170 Datasheet HTML 3Page - TT Electronics. P170 Datasheet HTML 4Page - TT Electronics. P170 Datasheet HTML 5Page - TT Electronics. P170 Datasheet HTML 6Page - TT Electronics. P170 Datasheet HTML 7Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
P170
Issue A
10/2016 Page 2
TT Electronics | BI Technologies
4200 Bonita Place, Fullerton, CA 92835-1053 |Ph: +1 714 447 2300
www.ttelectronics.com | sensors@ttelectronics.com
Resistance range, Ohms
100-1M (for “B” taper), 5K-1M (for other tapers)
Standard resistance tolerance
±20%
Residual resistance
10 ohms max.
Input voltage, maximum
200 Vac max.
Power rating, Watts
0.1W (“B” taper), 0.05W (other tapers)
Dielectric strength
500Vac, 1 minute
Insulation resistance, minimum
50M ohms at 500Vdc
Sliding noise
100mV max.
Actual electrical travel, nominal
240°
Switch contact resistance
50M ohms max.
Switch power rated
1.0A at 12 Vdc
Electrical Specifications
Total mechanical travel
260° ±10°
Static stop strength
40 oz-in
Rotational torque
0.5 to 1.25 oz-in
Switch rotational angle
30° ±10°
Mechanical Specifications
Operating temperature range
-20°C to +70°C
Rotational life (potentiometer)
100,000 cycles
Rotational life (switch)
15,000 cycles
Environmental Specifications



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com