Electronic Components Datasheet Search
  English  ▼

X  

P231 Datasheet(PDF) 1 Page - TT Electronics.

Part # P231
Description  Conductive plastic element
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

P231 Datasheet(HTML) 1 Page - TT Electronics.

  P231 Datasheet HTML 1Page - TT Electronics. P231 Datasheet HTML 2Page - TT Electronics. P231 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Panel Potentiometer
Model P231
© TT electronics plc
Issue A
11/2016
Page 1
TT Electronics | BI Technologies
4200 Bonita Place, Fullerton, CA USA 92835 |Ph: +1 714 447 2345
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Features:
24 mm rotary
Conductive plastic element
100,000 cycle life
Metal shaft / bushing
Model Styles Available
Electrical
Mechanical
Environmental


Similar Part No. - P231

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P231 ETC2-P231 Datasheet
306Kb / 3P
24mm Rotary Potentiometer Carbon Element Metal shaft / Bushing RoHS Compliant
logo
Bi technologies
P231 BITECH-P231 Datasheet
65Kb / 3P
24mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing RoHS Compliant
logo
List of Unclassifed Man...
P231 ETC2-P231 Datasheet
47Kb / 2P
KNOBS AND DIAL PLATES
P231 ETC-P231 Datasheet
71Kb / 1P
KNOBS AND DIAL PLATES
P231-EC15AR100K ETC2-P231-EC15AR100K Datasheet
306Kb / 3P
24mm Rotary Potentiometer Carbon Element Metal shaft / Bushing RoHS Compliant
More results

Similar Description - P231

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FCP12AC ETC1-FCP12AC Datasheet
149Kb / 2P
Conductive Plastic
logo
Bi technologies
P110KV BITECH-P110KV Datasheet
366Kb / 4P
11mm Rotary Potentiometer Insulated Shaft Conductive Plastic Element With / Without Bushing RoHS Compliant
logo
List of Unclassifed Man...
FFP12A ETC2-FFP12A Datasheet
21Kb / 1P
Conductive Plastic
logo
Bi technologies
P160 BITECH-P160_08 Datasheet
94Kb / 4P
16mm Rotary Potentiometer Conductive Plastic Element 100,000 Cycle Life Metal shaft / Bushing Multi
P090L BITECH-P090L_12 Datasheet
70Kb / 3P
Conductive Plastic Element
P170S BITECH-P170S_10 Datasheet
148Kb / 6P
17mm Rotary Potentiometer Metal Shaft / Bushing Conductive Plastic Element
logo
List of Unclassifed Man...
P231-FA20BR5K ETC2-P231-FA20BR5K Datasheet
65Kb / 3P
24mm Rotary Potentiometer Conductive Plastic Element
logo
TT Electronics.
P160 TTELEC-P160 Datasheet
728Kb / 5P
Conductive plastic element
P230 TTELEC-P230 Datasheet
558Kb / 3P
Conductive plastic element
P120 TTELEC-P120 Datasheet
728Kb / 5P
Conductive plastic element
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com