Electronic Components Datasheet Search
  English  ▼

X  

P232 Datasheet(PDF) 1 Page - TT Electronics.

Part # P232
Description  Long life element
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

P232 Datasheet(HTML) 1 Page - TT Electronics.

  P232 Datasheet HTML 1Page - TT Electronics. P232 Datasheet HTML 2Page - TT Electronics. P232 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Panel Potentiometer
Model P232 / P233
© TT electronics plc
Issue A
11/2016
Page 1
TT Electronics | BI Technologies
4200 Bonita Place, Fullerton, CA USA 92835 |Ph: +1 714 447 2345
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Features:
24 mm rotary
Sealed / dust proof
Long life element
2 million cycle life
Metal shaft / bushing
Model Styles Available
Electrical
Mechanical
Environmental


Similar Part No. - P232

ManufacturerPart #DatasheetDescription
logo
Bi technologies
P232 BITECH-P232 Datasheet
84Kb / 3P
24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/Bushing RoHS Compliant
logo
List of Unclassifed Man...
P232 ETC2-P232 Datasheet
47Kb / 2P
KNOBS AND DIAL PLATES
P232 ETC-P232 Datasheet
71Kb / 1P
KNOBS AND DIAL PLATES
logo
Connor-Winfield Corpora...
P232-155.52 CONNOR-WINFIELD-P232-155.52 Datasheet
130Kb / 2P
5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
logo
C-Media Electronics
P232-DEA20AR100K CMEDIA-P232-DEA20AR100K Datasheet
408Kb / 3P
24mm Rotary Potentiometer Sealed/ Dust Proof Long Life Element 2 Million Cycle Life Metal Shaft/ Bushing RoHS Compliant
More results

Similar Description - P232

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
251 CTS-251 Datasheet
68Kb / 2P
Long life, 9mm diameter, composition element, variable resistor
logo
Nais(Matsushita Electri...
NR-HD-5V NAIS-NR-HD-5V Datasheet
121Kb / 8P
LONG LIFE RELAY
logo
CTS Corporation
295 CTS-295 Datasheet
581Kb / 2P
Commercial 24mm Diameter Composition Element Long Life Variable Resistor
logo
PARA LIGHT ELECTRONICS ...
EP501GL007W PARALIGHT-EP501GL007W Datasheet
186Kb / 12P
Long operating life.
EP501W1L059WHR PARALIGHT-EP501W1L059WHR Datasheet
196Kb / 13P
Long operating life.
logo
Illinois Capacitor, Inc...
105SVH050MCR ILLINOISCAPACITOR-105SVH050MCR_16 Datasheet
227Kb / 4P
Long Life, 2000hours
logo
Everlight Electronics C...
EALP03RDCGA7 EVERLIGHT-EALP03RDCGA7 Datasheet
247Kb / 9P
Long life feature.
EALP03CLAGA0 EVERLIGHT-EALP03CLAGA0 Datasheet
289Kb / 8P
Long life feature.
EALP05RDHRA4 EVERLIGHT-EALP05RDHRA4 Datasheet
351Kb / 9P
Long life feature.
EALP05SQAGA1 EVERLIGHT-EALP05SQAGA1 Datasheet
198Kb / 8P
Long life feature.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com