Electronic Components Datasheet Search
  English  ▼

X  

304993 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 304993
Description  Read these instructions and referenced documents before crimping any splices
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

304993 Datasheet(HTML) 1 Page - Tyco Electronics

  304993 Datasheet HTML 1Page - Tyco Electronics 304993 Datasheet HTML 2Page - Tyco Electronics 304993 Datasheet HTML 3Page - Tyco Electronics 304993 Datasheet HTML 4Page - Tyco Electronics 304993 Datasheet HTML 5Page - Tyco Electronics 304993 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Instruction Sheet
Die Assemblies 45218, 45221,
408--1634
LOC B
1
of 6
E
2010 Tyco Electronics Corporation, Harrisburg, PA
All International Rights Reserved
TE logo and Tyco Electronics are trademarks.
*Trademark. Other products, logos, and company names used are the property of their respective owners.
TOOLING ASSISTANCE CENTER 1--800--722--1111
PRODUCT INFORMATION 1--800--522--6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.tycoelectronics.com
04 JAN 10 Rev C
69303- 2, and 69820
Screw
Insert Indenter
(Stationary Die)
Insert Anvil
(Moving Die)
Locator (Except Die
Assembly 69820)
Ejector
DIE ASSEMBLY
SPLICE
PART
NUMBER
MARKING
SIZE
MINIMUM OPENING
DIAMETER
45218
18--16
ECV--ECN
22--14
—
45221
18--10
ECV--ECN
22--10
—
69303--2
18--16 EC
22--16
6.73 mm [.265 in.]
69820
18--16 ECVG
22--16
6.48 mm [.255 in.]
Figure1
1. INTRODUCTION
Die Assemblies 45218, 45221, 69303--2 (shown in
Figure 1), and 69820 are used with the following tools
to crimp vinyl closed--end splices and nylon
closed--end splices onto solid and stranded wire sizes
22 through 10 AWG. For specific information
concerning the tools, refer to instruction sheet
(408--series) or customer manual (409--series) listed.
TOOL
REFERENCE
DOCUMENT
Straight Action Hand Tool 69710--1
408--2095
626 Pneumatic Tooling Assembly
189721--1 or 189722--1
Fitted with Straight Action Crimper
217200--1 or 189721--2
409--5862
408--4195
626 Pneumatic Tooling Assembly
189722--2
Fitted with C--Head Pneumatic Adapter
318161--1
409--5862
408--4190
Read these instructions and referenced documents
before crimping any splices.
Dimensions on this instruction sheet are in
millimeters [with inches in brackets]. Figures are
not drawn to scale.
Reasons for reissue of this instruction sheet are
provided in Section 8, REVISION SUMMARY.
2. DESCRIPTION
The die assembly consist of an insert indenter
(moving die) and an insert anvil (stationary die).
The stationary die is identified by the chamfered
corners. The stationary die is marked with the die
assembly part number, wire size (AWG), and splice
type. When mated, the die assembly forms one
crimping chamber. Each die is secured in the tool by
a single screw.
3. DIE INSTALLATION
Install the die assembly onto the tool according to the
instructions supplied with the tool. If using the
pneumatic tooling assembly, follow the instructions
supplied with the applicable crimper or adapter.
4. CRIMPING PROCEDURE
Die Assembly 69820 requires an insulation crimp
adjustment. Before crimping any splices, refer to
Section 5 for proper adjustment.
1. Select proper wire combinations as stated in the
applicable wire combination chart specified in
Figure 2. Strip wires to length indicated in Figure 2.
Do not use wires with nicked or missing strands.
If conductors are twisted together to form a tight
bundle before inserting them into the splice, the
strip length must be maintained after twisting.
2. Insert the splice, wire barrel first, into the ejector
of the stationary die until splice bottoms. For nylon
splices, the shoulder must rest against the ejector;
for vinyl splices, the end of the wire barrel of must
rest against the locator. Die Assembly 69820 does
not have a locator; therefore, the wire barrel must
rest against the wire barrel section of the die. See
Figure 3. Close dies until splice is held in place.
3. Insert stripped wires into splice wire barrel until
conductors bottom. See Figure 3.
Always keep fingers clear of dies during tool
operation.
NOTE
i
NOTE
i
NOTE
i
DANGER


Similar Part No. - 304993

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3049903 PHOENIX-3049903 Datasheet
176Kb / 4P
HV M6/1-AP - Cover profile
3049929 PHOENIX-3049929 Datasheet
120Kb / 10P
Feed-through terminal block - RTO 8-TC BU
3049945 PHOENIX-3049945 Datasheet
155Kb / 16P
Feed-through terminal block - RTO 3-TC
3049958 PHOENIX-3049958 Datasheet
158Kb / 16P
Ground modular terminal block - RTO 3-PE-TC
3049961 PHOENIX-3049961 Datasheet
151Kb / 15P
Feed-through terminal block - RTO 5-TC
More results

Similar Description - 304993

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-4354 MACOM-408-4354 Datasheet
244Kb / 5P
Read these instructions thoroughly before crimping any contacts
408-8646 MACOM-408-8646 Datasheet
111Kb / 2P
Read these instructions before using the extraction tool.
logo
TE Connectivity Ltd
408-8500 TEC-408-8500 Datasheet
293Kb / 4P
Read these instructions and understand them before using the seating tool.
logo
Tyco Electronics
408-6794 MACOM-408-6794 Datasheet
270Kb / 5P
Read these and all referenced instructions thoroughly before using the head.
logo
TE Connectivity Ltd
408-6930 TEC-408-6930 Datasheet
172Kb / 5P
Read these and all referenced instructions thoroughly before using the head.
408-4546 TEC-408-4546 Datasheet
99Kb / 3P
Read these instructions and understand them before using the seating tool.
logo
Tyco Electronics
408-8810 MACOM-408-8810 Datasheet
208Kb / 3P
Read and understand these instructions before using the seating tool.
408-9450 MACOM-408-9450 Datasheet
255Kb / 5P
Read these and all referenced instructions thoroughly before using the head.
408-9913 MACOM-408-9913 Datasheet
149Kb / 3P
Read these instructions thoroughly before using the seating tool.
logo
TE Connectivity Ltd
408-32224 TEC-408-32224 Datasheet
302Kb / 4P
Read and understand these instructions before using the removal tools.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com