Electronic Components Datasheet Search
  English  ▼

X  

LM4550 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4550
Description  AC ??7 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4550 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4550 Datasheet HTML 6Page - National Semiconductor (TI) LM4550 Datasheet HTML 7Page - National Semiconductor (TI) LM4550 Datasheet HTML 8Page - National Semiconductor (TI) LM4550 Datasheet HTML 9Page - National Semiconductor (TI) LM4550 Datasheet HTML 10Page - National Semiconductor (TI) LM4550 Datasheet HTML 11Page - National Semiconductor (TI) LM4550 Datasheet HTML 12Page - National Semiconductor (TI) LM4550 Datasheet HTML 13Page - National Semiconductor (TI) LM4550 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Pin Descriptions (Continued)
ANALOG I/O (Continued)
Name
Pin
I / O
Functional Description
VIDEO_R
17
I
This line level input can be routed through the Input Mux and recorded by the right ADC. In
addition, this analog input gets summed into the right output stream. The amount of VIDEO_R
signal mixed in the right output stream can be adjusted from +12dB to −34.5dB in 1.5dB
steps as well as muted via register 14h.
CD_L
18
I
This line level input can be routed through the Input Mux and recorded by the left ADC. In
addition, this analog input gets summed into the left output stream. The amount of CD_L
signal mixed in the left output stream can be adjusted from +12dB to −34.5dB in 1.5dB steps
as well as muted via register 12h.
CD_GND
19
I
This input can be used to reject common mode signals on the CD_L and CD_R inputs.
CD_GND is an AC ground point and not a DC ground point. This input must be AC-coupled
to the source signal’s ground.
CD_R
20
I
This line level input can be routed through the Input Mux and recorded by the right ADC. In
addition, this analog input gets summed into the right output stream. The amount of CD_R
signal mixed in the right output stream can be adjusted from +12dB to −34.5dB in 1.5dB
steps as well as muted via register 12h.
MIC1
21
I
Either MIC1 or MIC2 can be selected via software and routed through the Input Mux for
recording. The 20dB boost circuit is enabled/disabled via register 0Eh. Also, the amount of
mic signal mixed in the output stream can be adjusted from +12dB to −34.5dB in 1.5dB steps
as well as muted via register 0Eh.
MIC2
22
I
Either MIC1 or MIC2 can be selected via software and routed through the Input Mux for
recording. The 20dB boost circuit is enabled/disabled via register 0Eh. Also, the amount of
mic signal mixed in the output stream can be adjusted from +12dB to −34.5dB in 1.5dB steps
as well as muted via register 0Eh.
LINE_IN_L
23
I
This line level input can be routed through the Input Mux and recorded by the left ADC. In
addition, this analog input gets summed into the left output stream. The amount of LINE_IN_L
signal mixed in the left output stream can be adjusted from +12dB to −34.5dB in 1.5dB steps
as well as muted via register 10h.
LINE_IN_R
24
I
This line level input can be routed through the Input Mux and recorded by the right ADC. In
addition, this analog input gets summed into the right output stream. The amount of
LINE_IN_R signal mixed in the right output stream can be adjusted from +12dB to −34.5dB in
1.5dB steps as well as muted via register 10h.
LINE_OUT_L
35
O
This is a post-mixed output for the left audio channel. The level of this output can be adjusted
from 0dB to −45dB in 1.5dB steps as well as muted via register 02h.
LINE_OUT_R
36
O
This is a post-mixed output for the right audio channel. The level of this output can be
adjusted from 0dB to −45dB in 1.5dB steps as well as muted via register 02h.
MONO_OUT
37
O
This line level output is either the post-mixed output or the mic input. The level of this output
can be adjusted from 0dB to −45dB in 1.5dB steps as well as muted via register 06h.
HP_OUT_L
39
O
This is a post-mixed output for the left audio channel. The level of this output can be adjusted
from 0dB to −45dB in 1.5dB steps as well as muted via register 04h. HP_OUT_L has a
nominal gain of 3dB with respect to the left output mixer level and is designed for driving a
32
Ω impedance with minimal distortion.
HP_OUT_C
40
I
This input can be used to reject common mode signals on the headphone outputs.
HP_OUT_C is an AC ground point not DC ground point. Thus, this input must be capacitively
coupled (not directly coupled) to analog ground.
HP_OUT_R
41
O
This is a post-mixed output for the left audio channel. The level of this output can be adjusted
from 0dB to −45dB in 1.5dB steps as well as muted via register 04h. HP_OUT_L has a
nominal gain of 3dB with respect to the left output mixer level and is designed for driving a
32
Ω impedance with minimal distortion.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com