| Electronic Components Datasheet Search |
|
323931 Datasheet(PDF) 7 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
323931 Datasheet(HTML) 7 Page - Tyco Electronics |
|
7 / 8 page ![]() LOC B Figure 14 6. The NO-GO member may enter partially, but must not pass completely through the die closure. 7. If the die closures meet the GO NO-GO gage conditions, the dies may be considered dimensionally correct. If you find that the die closures do not conform with the GO NO-GO gage conditions, contact your local Tyco Electronics field service representative. 3.4. CERTI-CRIMP Tool Ratchet Inspection The CERTI-Crimp tool ratchet feature on Tyco Electronics hand tools should be checked to make certain that the ratchet does not release prematurely allowing dies to open before they have fully bottomed. To check ratchet feature: 1. Make a test crimp using ferrule, shielded wire and ground wire as outlined in Paragraph 2.6,B. When this crimp is made, close handles until the ratchet is free, however, DO NOT RELAX PRESSURE ON TOOL HANDLES. 2. If a .001 or smaller shim can be inserted between the bottoming surfaces of the dies. or if there is no opening whatever, the ratchet is considered satisfactory. 3. If the clearance between the bottoming surfaces of the dies is greater than .001, the dies are considered as not bottoming. Contact your local Tyco Electronics field service representative. Die Set Die Set Die Closure Dimensions “A” ‡ Gage Member ‡‡ Dimensions “B” “C” Max “R” Max GO NO-GO GO NO-GO 45158-2 .3770 .3830 .3770-.3773 .3829-.3830 .374 .187 45238-2 .2850 .2910 .2850-.2853 .2909-.2910 .170 .085 .45239-2 .3070 .3130 .3070-.3073 .3129-.3130 .180 .090 .45240-2 .3310 .3370 .3310-.3313 .3369-.3370 .220 .110 .45241-2 .3550 .3610 .3550-.3553 .3609-.3610 .280 .140 .45061-3 .1220 .1280 .1220-.1223 .1279-.1280 .100 .050 .45062-3 .1490 .1550 .1490-.1493 .1549-.1550 .090 .045 .45063-3 .1740 .1800 .1740-.1743 .1799-.1800 .090 .045 .45064-3 .1920 .1980 .1920-.1923 .1979-.1980 .160 .060 .45065-3 .2190 .2250 .2190-.2193 .2249-.2250 .110 .055 45066-3 .2340 .2400 .2340-.2343 .2399-.2400 .090 .045 ‡ Plug gag.e dimensions apply when dies are bottomed, but not under pressure. ‡‡ Material -- Tool Steel 7 of 8 408-1662 Rev A |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |