Electronic Components Datasheet Search
  English  ▼

X  

323933 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 323933
Description  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

323933 Datasheet(HTML) 1 Page - Tyco Electronics

  323933 Datasheet HTML 1Page - Tyco Electronics 323933 Datasheet HTML 2Page - Tyco Electronics 323933 Datasheet HTML 3Page - Tyco Electronics 323933 Datasheet HTML 4Page - Tyco Electronics 323933 Datasheet HTML 5Page - Tyco Electronics 323933 Datasheet HTML 6Page - Tyco Electronics 323933 Datasheet HTML 7Page - Tyco Electronics 323933 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LOC B
TERMASHIELD* Ferrule
Crimping Dies
for Tools 59500 and 69270-1
408-1662
26 MAY 10 Rev A
PROPER USE GUIDELINES
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools. Hand tools are intended for occasional use and
low volume applications. A wide selection of powered application equipment for extended-use, production operations is available.
1. INTRODUCTION
This instruction sheet is intended to provide you with
instructions” on product application and a
maintenance and for: TERMASHIELD Ferrule
Crimping Dies (Used in Tools 59500 and 69270-1
(Mod. 2):
TERMASHIELD ferrules on single and multiple
conductor shielded wires with a primary conductor
insulation range of .033" to .270",
Basic instructions on the use of these tools, dies, die
insertion and removal, etc., are provided in Section 2,
'For further instructions relative to the pneumatic tool
and hand tool, refer to the instructions packaged with
these tools.
Section 3 contains a “Maintenance and Inspection
Procedure” which will enable you to establish and
maintain a die certification program.
These instructions may be used for dies not listed in
Figure 1 but accompanied by this 408 series
document. For unlisted dies, strip wire and crimp in
the same manner as for identical size dies.
2. INSTRUCTIONS
2.1. Selection Data for Dies, Ferrules, and Insulating
Caps
A. Single Conductor Shielded Wire
To determine which dies, ferrule and insulating cap to
use with single conductor shielded wire, refer to -
Figure 1
.
The package numbers shown in Figure 1 are sup-
plied with equal quantities of ferrules and insulating
caps, but include only zinc plated ferrules.
1. Determine the outside (insulation) diameter of
the primary conductor.
2. Locate this dimension in the appropriate
primary conductor
insulation range in column 2
of Figure 1. Opposite the insulation range you will
find the catalog numbers of the crimping die.
ferrule and insulating cap to use.
Crimping dies, ferrules and insulating caps are
color coded. For example: Use dies color coded
green to crimp a green fermle. Place a green insu-
lating cap on the green ferrule after ferrule is
crimped.
B. Multiple Conductor Shielded Wire
To determine which dies, ferrule and insulating cap to
use with shielded wire having two or more conductors,
use the following formula: Multiply the outside
(insulation) diameter of one primary conductor by the
“factor”, see Figure 2, listed opposite the total number
of conductors in the wire. For example:
1. If you had a 3-conductor shielded wire, you
would first find the outside (insulation) diameter
of one conductor. In this case, we will use an
outer diameter of .082 inches.
2. Opposite the number “3” (the number of
primary conductors in the wire) in column one of
Figure 2, you will find a multiplying factor of 2.17.
3. Multiply the outer diameter of the one
conductor (.082 inches) by this factor (2.17). The
result is.177. This figure (.177) is the primary
conductor insulation range of the three-conductor
shielded wire.
4. Next, refer to column 2 of Figure 1. Opposite
the insulation range of.145 to .184, you will find
the numbers of the crimping die, ferrule and
insulating cap to use.
2.2. Die Insertion Hand Tool No 59500
Dies are coated with oil to prevent rust and corrosion.
Wipe this oil from dies, particularly from crimping area.
1. (To open tool handles, close handles until
CERTI-CRIMP* tool ratchet releases. See Figure
3. Note that once ratchet is engaged, handles
cannot be opened until they are fully closed.
Tools
Crimping Dies
59500
69270-1
45061-3
45065-3
45240-2
45062-3
45066-3
45241-2
45063-3
45238-2
--
45064-3
45239-2
--
NOTE
i
NOTE
i
1 of 8
©2010 Tyco Electronics Corporation, Berwyn, PA
All Rights Reserved
TE logo and Tyco Electronics are trademarks
*Trademark. Other products, logos, and company names might be trademarks of their respective owners.
TOOLING ASSISTANCE CENTER 1-800-722-1111
PRODUCT INFORMATION 1-800-522-6752
This controlled document is subject to change.
For latest revision and Regional Customer Service,
visit our website at www.tycoelectronics.com


Similar Part No. - 323933

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
323930 MACOM-323930 Datasheet
46Kb / 1P
FERRULE ASSEMBLY, TERMASHIELD
More results

Similar Description - 323933

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
408-1412 TEC-408-1412 Datasheet
741Kb / 7P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-8691 TEC-408-8691 Datasheet
769Kb / 7P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-8739 TEC-408-8739 Datasheet
836Kb / 6P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
Tyco Electronics
408-8698 MACOM-408-8698 Datasheet
623Kb / 3P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
TE Connectivity Ltd
408-9786 TEC-408-9786 Datasheet
427Kb / 6P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-6790 TEC-408-6790 Datasheet
306Kb / 3P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-4087 TEC-408-4087 Datasheet
285Kb / 5P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-1535 TEC-408-1535 Datasheet
640Kb / 7P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
Tyco Electronics
408-8695 MACOM-408-8695 Datasheet
988Kb / 3P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
TE Connectivity Ltd
408-32084 TEC-408-32084 Datasheet
650Kb / 5P
Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com