Electronic Components Datasheet Search
  English  ▼

X  

323934 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 323934
Description  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

323934 Datasheet(HTML) 4 Page - Tyco Electronics

  323934 Datasheet HTML 1Page - Tyco Electronics 323934 Datasheet HTML 2Page - Tyco Electronics 323934 Datasheet HTML 3Page - Tyco Electronics 323934 Datasheet HTML 4Page - Tyco Electronics 323934 Datasheet HTML 5Page - Tyco Electronics 323934 Datasheet HTML 6Page - Tyco Electronics 323934 Datasheet HTML 7Page - Tyco Electronics 323934 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LOC B
in tool. Insert female die holding pin. See
Figure 5.
Figure 5
2.4. Die Removal Hand Tool No. 59500
1. Remove female die holding pin.
2. Close handles until male die holding screw is
visible. See Figure 6.
3. Turn male die holding screw slot in a vertical
position. See Figure 6.
4. Push die set up with a small screwdriver or
drift pin just enough to permit female die to be
pulled out of tool.
5. Remove male die and insert die holding pin
back into tool.
Figure 6
2.5. Die Removal Pneumatic Tool No. 69270·1 Mod. 2
1. Remove female die holding pin.
2. Depress take-up lever until male die holding
screw is visible. See Figure 6.
3. With take-up lever depressed, turn male die
holding screw slot in a vertical position. See
Figure 6.
4. Push die set up with a small screwdriver or
drift pin just enough to permit female die to be
pulled out of tool.
5. Remove male die and insert die holding pin
back into tool.
2.6. Wire Stripping And Crimping Procedures
A. Wire Stripping
1. Strip shielded wire as shown in Figure 7.
Figure 7
2. Strip ground wire to dimensions given in Figure
8.
Figure 8
B. Crimping Procedures
1. Place ferrule on shielded wire as shown in
Figure 9. Flare the braid so that it will pass over
and around support sleeve of ferrule.
Ferrule
Number
Recommended Ground
Strip
Length
No. of
Wires
Max. Ins
Dia
327192
One # 24
.063
1/4 Inch
Min.
Two # 24
.065
One # 22
.068
323930
thru
323934
One # 20
.078
One # 22
.078
Two # 22
.068
327137
thru
327141
One # 18
No Limit
on Insul
Diameter
7/16 Inch
Min
One # 20
Two # 20
One # 22
Two # 22
4 of 8
408-1662
Rev A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com