Electronic Components Datasheet Search
  English  ▼

X  

1241920 Datasheet(PDF) 9 Page - TE Connectivity Ltd

Part # 1241920
Description  Verarbeitungs-Spezifikation
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

1241920 Datasheet(HTML) 9 Page - TE Connectivity Ltd

Back Button 1241920 Datasheet HTML 2Page - TE Connectivity Ltd 1241920 Datasheet HTML 3Page - TE Connectivity Ltd 1241920 Datasheet HTML 4Page - TE Connectivity Ltd 1241920 Datasheet HTML 5Page - TE Connectivity Ltd 1241920 Datasheet HTML 6Page - TE Connectivity Ltd 1241920 Datasheet HTML 7Page - TE Connectivity Ltd 1241920 Datasheet HTML 8Page - TE Connectivity Ltd 1241920 Datasheet HTML 9Page - TE Connectivity Ltd 1241920 Datasheet HTML 10Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
114-18021
Rev U
9 of 10
6
CRIMPDATEN FÜR MQS (MICRO QUADLOK SYSTEM 2-PUNKT) /
6
CRIMPING DATA FOR MQS (MICRO QUADLOK SYSTEM 2-POINT)
Tabelle 2: Buchsenkontakte MQS 2-Punkt / Table 2 Socket Contacts MQS 2-Point
Bestellnummer / Order
No.
Isolations-
ø / Insul.
Range
[mm]
Leiter-
quer-
schnitt /
Wire
size
[mm²]
Abiso-
lier-
länge /
Strip
length
±0,15
[mm]
Drahtcrimp / Wire crimp
Isolationscrimp / Insulation crimp
Aus-
führung /
Contact
Band-
ware/
Strip
Einzelware /
Loose piece
Crimp-
profil-
breite /
crimper
profile
width
CB1
[mm]
Mess-
bare
Crimp-
breite /
measura
ble
crimp
width
CBm1
[mm]
Höhe /
Height
CH1
±0,03
*±0,02
[mm]
Form /
Shape
Crimp-
profil-
breite /
crimper
profile
width
[mm]
Messbare
Crimp-
breite /
measurable
crimp width
CBm2
±0,2
[mm]
Höhe /
Height
9)
FLU
CH2
±0,1
[mm]
Höhe /
Height
9)
FLR
CH2
±0,1
[mm]
Form / Shape
Crimp-
Werkzeug /
Crimp tool
Handcrimp-
Werkzeug /
Hand crimp
tool
Buchse /
Socket
Rastfeder /
Locking
Lance
1394406
1394407
0,08
0,138)
0,14
0,178)
0,20
0,22
3,7
1,07
(.042)
1,07+0,1
0,64
0,71*
0,71
0,75*
0,75
0,77
F
1,57
(.062)
1,57
-10)
-10)
-10)
-10)
1,30
1,25
1,35
1,25
1,45
1,50
Umfas-
sungscrimp /
Enclosing
Crimp
O
x-541695-x
x-541722-x5)
5-1579001-21)
Buchse /
Socket
Clean-
Body
Rastfeder /
Locking
Lance
1534116
1394702
1534117
1394703
0,25
0,35
(0,5)3
3,6
1,44)
(.055) 1,4
+0,15
0,72
0,76
(0,86)3
F
1,83
(.072)
1,83
-10)
1,40
(1,65)3
1,40
1,50
(1,8)3
Umfas-
sungscrimp /
Enclosing
Crimp
O
2151493
x-541578-x4)
x-878439-x
539682-21)
Buchse /
Socket
Clean -
Body
6)
1703282
1703283
0,50
0,75
3,8
1,4
(.055)
1,4+0,15
0,93
1,07
F
2,03
(.080)
2,03
1,45
1,80
1,70
2,05
Umfas-
sungscrimp /
Enclosing
Crimp
O
2151491
x-878591-x
3-1579001-51)
5-1579001-72)
Buchse /
Socket
6), 7)
1703282
1703283
0,50
3,8
1,4
(.055)
1,4+0,15
0,93
F
1,83
(.072)
1,83
1.45
1,80
Umfas-
sungscrimp /
Enclosing
Crimp
O
2151602
x-1528705-
x7)
-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com