| Electronic Components Datasheet Search |
|
46136 Datasheet(PDF) 2 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
46136 Datasheet(HTML) 2 Page - TE Connectivity Ltd |
|
2 / 8 page ![]() 408- 1697 Rev C 2 of 8 Figure 2 Lock Screw Retaining Ring Shank Stationary Die Moving Die Ram Locking Screw Crimping Head 69097 Lock screws in the top section of the crimping head and in the ram are not used when installing dies with retaining rings on shanks. 2. Insert the shank of the stationary die into the top section of the crimping head. See Figure 2. The retaining clip will hold the die in place. 3. Activate the power unit to advance the ram until the lock screw is visible. 4. Loosen the lock screw and insert the shank of the moving die into the ram well. See Figure 2. The retaining ring will hold the die in place. 5. Activate the power unit to complete the cycle and allow the ram to return to the “DOWN” position. B. Crimping Head 69099 1. Loosen the lock screw in the top section of the crimping head. See Figure 3. 2. Insert the shank of the stationary die into the top section of the crimping head and tighten the lock screw. See Figure 3. Figure 3 Lock Screw Stationary Die Moving Die Ram Locking Screw Flat on Shank Faces Lock Screw Crimping Head 69099 (Die Set 69218 Shown) Ensure that the dies are inserted “fully” and that the “flats” on the shanks are facing the lock screws. 3. Loosen the ram lock screw and insert the shank of the moving die into the ram well. Tighten the lock screw. See Figure 3. 2.2. Die Removal In crimping head 69097, insert the screwdriver blade under the base of the stationary and moving dies. Apply a prying action to loosen and remove the dies. In crimping head 69099, loosen the lock screws in the top section of the crimping head and ram and remove the dies. 2.3. Wire Stripping and Crimping Procedures A. Wire Stripping Procedure Strip the wire to the dimensions shown in the table in Figure 1. Do not nick or cut the conductor strands. B. Crimping Procedure Avoid personal injury. When operating the power unit, exercise caution while holding terminals, splices, or wire near the crimping area. NOTE i NOTE i CAUTION ! DANGER |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |