Electronic Components Datasheet Search
  English  ▼

X  

307285-2 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # 307285-2
Description  Crimping Die Assemblies
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

307285-2 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  307285-2 Datasheet HTML 1Page - TE Connectivity Ltd 307285-2 Datasheet HTML 2Page - TE Connectivity Ltd 307285-2 Datasheet HTML 3Page - TE Connectivity Ltd 307285-2 Datasheet HTML 4Page - TE Connectivity Ltd 307285-2 Datasheet HTML 5Page - TE Connectivity Ltd 307285-2 Datasheet HTML 6Page - TE Connectivity Ltd 307285-2 Datasheet HTML 7Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
408- 2822
Rev B
2
of 7
“C”
“B”
“C” “B”
“C” “B”
“B” Equals Wire Barrel
“C” Equals Insulation Barrel
“C” “B”
Typical PIDG Type
Terminals and Splices
Typical PLASTI-GRIP Type
Terminals and Splices
Window
Indent
Wire Stop
FASTON Receptacle
Wire Stop
FASTON Receptacle
“B” Equals Wire Barrel
“C” Equals Insulation Barrel
DIE SET
NUMBER
PRODUCT
INSULATION
WIRE STRIP LENGTH
WIRE SIZE
NUMBER
AND COLOR
INSULATION
COLOR
PRODUCT
TERMINALS
SPLICES
WIRE SIZE
mm2 [AWG]
AND COLOR
CODE DOT
COLOR
CODE
MIN MAX MIN MAX
mm2 [AWG]
59826--1
Red
PIDG and PLASTI--GRIP Terminals and Splices
5.16
[.203]
5.95
[.234]
6.35
[.250]
7.14
[.281]
0.3--1.3
[22--16]
59826--1
(Red)
Red
PIDG and PLASTI--GRIP FASTON ReceptaclesU 7.54
[.297]
8.33
[.328] ------
------
0.3--0.8
[22--18]
59827--1
(Blue)
Blue
PIDG and PLASTI--GRIP Terminals and Splices
5.16
[.203]
5.95
[.234]
6.35
[.250]
7.14
[.281]
1.3--2.0
[16--14]
0.5--1.3
[20--16] HD
(Blue)
PIDG and PLASTI--GRIP FASTON ReceptaclesU 7.54
[.297]
8.33
[.328] ------
------
1.3--2.0
[16--14]
59828--1
(Yellow)
Yellow
PIDG Terminals and PLASTI--GRIP
Terminals and Splices
7.94
[.313]
8.73
[.344]
8.73
[.344]
9.53
[.375]
3.0--5.0
[12--10]
1.3--2.0
[16--14] HDG
(Yellow)
PIDG and PLASTI--GRIP FASTON ReceptaclesU 7.94
[.313]
9.53
[.375] ------
------
3.0--5.0
[12--10]
U
Crimp using foot petal control only.
G
Yellow with black stripe product insulation color code.
Figure 2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com