Electronic Components Datasheet Search
  English  ▼

X  

LM4651 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4651
Description  LM4651 & LM4652 Overture??Audio Power Amplifier 170W Class D Audio Power Amplifier Solution
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4651 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM4651 Datasheet HTML 2Page - National Semiconductor (TI) LM4651 Datasheet HTML 3Page - National Semiconductor (TI) LM4651 Datasheet HTML 4Page - National Semiconductor (TI) LM4651 Datasheet HTML 5Page - National Semiconductor (TI) LM4651 Datasheet HTML 6Page - National Semiconductor (TI) LM4651 Datasheet HTML 7Page - National Semiconductor (TI) LM4651 Datasheet HTML 8Page - National Semiconductor (TI) LM4651 Datasheet HTML 9Page - National Semiconductor (TI) LM4651 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LM4652 Pin Descriptions
Pin No.
Symbol
Description
1
GND
A ground reference for the thermal shut down circuitry.
2LG
1
Low−Gate #1 is the gate input to a bottom side MOSFET in the H-Bridge.
3−V
EE
The negative voltage supply input for the power MOSFET H-Bridge.
4
TSD
The thermal shut down flag pin. This pin transitions to 6V when the die temperature
exceeds 150˚C.
5
NC
No connection
6LG
2
Low−Gate #2 is the gate input to a bottom side MOSFET in the H-Bridge.
7VO
2
The switching output pin for one side of the H-Bridge.
8
NC
No connection.
9
NC
No connection.
10
HG
2
High−Gate #2 is the gate input to a top side MOSFET in the H-Bridge.
11
NC
No connection.
12
NC
No connection.
13
+V
CC
The positive voltage supply input for the power MOSFET H-Bridge.
14
HG
1
High−Gate #1 is the gate input to a top side MOSFET in the H-Bridge.
15
VO
2
The switching output pin for one side of the H-Bridge.
Note: NC, no connect pins are floating pins. It is best to connect the pins to GND to minimize any noise from being coupled into
the pins.
External Components Description (Refer to Figure 1)
Components
Functional Description
1.
R
1
Works with R
2,Rfl1 and Rfl2 to set the gain of the system. Gain = [(R2/R1) x ((Rfl1 +
R
fl2)/ Rfl2)−(R2/R1) + .5].
2.
R
2
See description above for R
1.
3.
R
f
Sets the gain and bandwidth of the system by creating a low pass filter for the Error
Amplifier’s feedback with C
f. 3dB pole is at fC = 1/(2πRfCf) (Hz).
4.
C
f
See description above for R
f.
5.
R
fI1
Provides a reduction in the feedback with R
fI2.RfI1should be 10 X RfI2 minimum to
reduce effects on the pole created by R
fI2 and CfI1. See also note for R1,R2 for effect on
System Gain.
6.
R
fI2
R
fI2 and CfI1 creates a low pass filter with a pole at fC = 1/(2πRfI2CfI1) (Hz). See also
note for R
1,R2 for effect on System Gain.
7.
C
fI1
See description above for R
fI2.
8.
R
fI3
Establish the second pole for the low pass filter in the feedback path at f
C =
1/(2
πR
fI3CfI2) (Hz).
9.
C
fI2
See description above for R
fI3.
10.
L
1
Combined with C
BYP creates a 2−pole, low pass output filter that has a −3dB pole at fC
= 1/[2
π(L
12CBYP)
1
⁄2
] (Hz).
11.
C
1
Filters high frequency noise from the amplifier’s output to ground. Recommended value
is 0.1µF to 1µF.
12.
C
byp
See description for L
1.
13.
C
B1−CB4
Bypass capacitors for V
CC,VEE, analog and digital voltages (VDD, +6V, −6V). See
Supply Bypassing and High Frequency PCB Design in the Application Information
section for more information.
14.
B
BT
Provides the bootstrap capacitance for the boot strap pin.
15.
R
DLY
Sets the dead time or break before make to T
DLY = (1.7x10
−12)(500+R
DLY) (seconds).
16.
C
START
Controls the startup time with T
START = (8.5x10
4)C
START (seconds).
17.
R
SCKT
Sets the output short circuit current with I
SCKT = (1x10
5)/ (10k
Ω\ R
SCKT) (A).
18.
R
OSC
Controls the switching frequency with f
SW = 1X10
9 / (4000 + R
OSC) (Hz).
19.
D
1
Schottky diode to protect the output MOSFETs from fly back voltages.
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com