Electronic Components Datasheet Search
  English  ▼

X  

RTH Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # RTH
Description  5kV/10mm coil-contact
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RTH Datasheet(HTML) 1 Page - TE Connectivity Ltd

  RTH Datasheet HTML 1Page - TE Connectivity Ltd RTH Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
10-2014, Rev. 1014
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Catalog and product specification according
to IEC 61810-1 and to be used only together
with the ‘Definitions’ section.
Catalog and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Catalog product data, ‘Definitions’ section,
application notes and all specifications are
subject to change.
SCHRACK
General Purpose
Low Power PCB Relays
n
1 pole 16A, 1 form C (CO) or 1 form A (NO) contact
n
Ambient temperature 105°C
n
Sensitive coil 400mW
n
5kV/10mm coil-contact
n
Reinforced insulation
n
WG version: Product in accordance to IEC 60335-1
Typical applications
Oven control, cooking plate control.
Approvals
VDE Cert. No. 40007571, UL E214025, cCSAus 1142018
Technical data of approved types on request.
Contact Data
Contact arrangement
1 form C (CO) or 1 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
16A1)
Limiting continuous current, form A/form B
16 / 26A
Limiting making current (form A contact)
max. 4 s, duty factor 10 %
30A
Breaking capacity max.
4000VA
Contact material
AgNi 90/10
Frequency of operation, with/without load
360/72000h-1
Operate/release time max.
8/6ms
Bounce time max., form A/form B
4/6ms
Contact ratings
Type
Contact
Load
Cycles
IEC 61810
RTH14
A (NO)
10A, 250VAC resistive,105°C
150x103
RTH14
C (CO)
16A, 250VAC resistive, 105°C
10x103
RTH14
B (NC)
26A, 250VAC resistive, 85°C
500
RTH34
A (NO)
10A, 400VAC resistive, 105°C
150x103
RTHH4
A (NO)
10A, 250VAC resistive, 105°C
250x103
UL 508
RTH14
A/B (NO/NC) 16A, 250VAC, resistive, 105°C
30x103
RTH34
A (NO)
20A, 250VAC, general purpose, 105°C
6x103
Mechanical endurance
>30x106 operations
1) Continuous thermal load >10A at 105°C requires reduction of coil power to 64% of
rated power after 100ms.
Coil Data
Coil voltage range
5 to 60VDC
Operative range, IEC 61810
90...110% U
RTD
Coil insulation system according UL1446
class F
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
009
9
6.3
0.9
203
3991)
012
12
8.4
1.2
360
4001)
024
24
16.8
2.4
1440
4001)
1) Continuous thermal load > 10 A at 105°C requires reduction of coil power to 64% of
rated power after 100ms.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
between open contacts
1000V
rms
between contact and coil
5000V
rms
Clearance/creepage
between contact and coil
≥10/10mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI250V
Power PCB Relay RTH 105°C 16A
Z b


Similar Part No. - RTH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTH010 ETC1-RTH010 Datasheet
712Kb / 11P
9GHz Bandwidth 1GS/s Dual Track-and-Hold
RTH010DIE ETC1-RTH010DIE Datasheet
712Kb / 11P
9GHz Bandwidth 1GS/s Dual Track-and-Hold
RTH010QFP ETC1-RTH010QFP Datasheet
712Kb / 11P
9GHz Bandwidth 1GS/s Dual Track-and-Hold
RTH06AS3F ETC2-RTH06AS3F Datasheet
79Kb / 1P
NTC Military Grade Thermistors
RTH06AS3G ETC2-RTH06AS3G Datasheet
79Kb / 1P
NTC Military Grade Thermistors
More results

Similar Description - RTH

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
KM721N FRONTIER-KM721N Datasheet
110Kb / 1P
10mm Adjustable Shielded RF Coil (I)
KM739N FRONTIER-KM739N Datasheet
109Kb / 1P
10mm Adjustable Shielded RF Coil (II)
logo
TE Connectivity Ltd
PCB-RT1 TEC-PCB-RT1 Datasheet
567Kb / 3P
5kV/10mm coil-contact, reinforced insulation
PCB-RZ TEC-PCB-RZ Datasheet
370Kb / 4P
5kV/10mm coil-contact, reinforced insulation
RT2 TEC-RT2 Datasheet
542Kb / 3P
5kV/10mm coil-contact, reinforced insulation
RZL TEC-RZL Datasheet
309Kb / 3P
5kV/10mm coil-contact, reinforced insulation
logo
HARTING Technology Grou...
09-14-000-6310 HARTING-09-14-000-6310 Datasheet
467Kb / 2P
Pneum. contact metal ID 10mm, male
09-14-000-6410 HARTING-09-14-000-6410 Datasheet
465Kb / 2P
Pneum. contact metal ID 10mm, female
09-14-000-6350 HARTING-09-14-000-6350 Datasheet
475Kb / 2P
Pneum. contact metal OD 10mm, male
09-14-000-6450 HARTING-09-14-000-6450 Datasheet
481Kb / 2P
Pneum. contact metal OD 10mm, female
2021-10-01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com