Electronic Components Datasheet Search
  English  ▼

X  

RZL Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # RZL
Description  5kV/10mm coil-contact, reinforced insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

RZL Datasheet(HTML) 2 Page - TE Connectivity Ltd

  RZL Datasheet HTML 1Page - TE Connectivity Ltd RZL Datasheet HTML 2Page - TE Connectivity Ltd RZL Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
12-2015, Rev. 1215
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RZL (Continued)
Recommended pcb hole for manual mounting:
k1.3mm
For automated mounting please ask for
detailed drawing.
PCB layout / terminal assignment
Bottom view on solder pins
12A/16A, pinning 3.5mm 2)
1 form C (CO) contact
1 form A (NO) contact
S0418-CB
S0163-BG
S0163-BH
16A, pinning 5mm
1 form C (CO) contact
1 form A (NO) contact
S0418-CN
S0163-BC
S0163-BD
16A, pinning 5mm
1 form C (CO) contact
1 form A (NO) contact
S0418-CA
S0163-BE
S0163-BF
Dimensions
S0557-AA
12A/16A, pinning 3.5mm 2)
12A, 16A, pinning 5mm 2)
S0557-AB
2) For 1 Form C type, subject to develop as market requirement



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com