Electronic Components Datasheet Search
  English  ▼

X  

2N5599 Datasheet(PDF) 1 Page - Seme LAB

Part # 2N5599
Description  Bipolar PNP Device in a Hermetically sealed TO66 Metal Package
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

2N5599 Datasheet(HTML) 1 Page - Seme LAB

  2N5599 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2N5599
Bipolar PNP Device.
V
CEO =
80V
I
C = 2A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
80
V
I
C(CONT)
2
A
h
FE
@ 5/1 (V
CE / IC)
30
90
-
f
t
50M
Hz
P
D
20
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
1-Aug-02
TO66 (TO213AA)
PINOUTS
1 – Base
2 – Emitter
Case – Collector
Bipolar PNP Device in a
Hermetically sealed TO66
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
3.68
(0.145) rad.
max.
3.61 (0.142)
4.08(0.161)
rad.
1.27 (0.050)
1.91 (0.750)
9.14 (0.360)
min.
4.83 (0.190)
5.33 (0.210)
6.35 (0.250)
8.64 (0.340)
1
2


Similar Part No. - 2N5599

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2N5599 SAVANTIC-2N5599 Datasheet
115Kb / 3P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2N5599 JMNIC-2N5599 Datasheet
125Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2N5599 ISC-2N5599 Datasheet
140Kb / 3P
Silicon PNP Power Transistors
logo
Savantic, Inc.
2N5599 SAVANTIC-2N5599 Datasheet
116Kb / 3P
Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2N5599 NJSEMI-2N5599 Datasheet
127Kb / 2P
Silicon PNP Power Transistors
More results

Similar Description - 2N5599

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SF_2N5601 SEME-LAB-SF_2N5601 Datasheet
10Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO66 Metal Package
SF_2N5605 SEME-LAB-SF_2N5605 Datasheet
10Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO66 Metal Package
SF_2N5600 SEME-LAB-SF_2N5600 Datasheet
11Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO66 Metal Package
SF_2N6425 SEME-LAB-SF_2N6425 Datasheet
11Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO66 Metal Package
2N5611 SEME-LAB-2N5611 Datasheet
11Kb / 1P
Bipolar PNP Device in a Hermetically sealed to66 Metal Package.
MJ2253 SEME-LAB-MJ2253 Datasheet
11Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO66 Metal Package.
2N5597 SEME-LAB-2N5597 Datasheet
11Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO66 Metal Package
2N5603 SEME-LAB-2N5603 Datasheet
10Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO66 Metal Package.
2N6245 SEME-LAB-2N6245 Datasheet
10Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO66 Metal Package.
2N5740 SEME-LAB-2N5740 Datasheet
14Kb / 1P
Bipolar PNP Device in a Hermetically sealed TO66 Metal Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com