Electronic Components Datasheet Search
  English  ▼

X  

XF0617P Datasheet(PDF) 1 Page - E-SWITCH

Part # XF0617P
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XF0617P Datasheet(HTML) 1 Page - E-SWITCH

  XF0617P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
P16EER11GGRNGRN
2:1
12/1/04
XF0617P
A
AR
1
1
1
1
F040015
P16EER11
2
1
F051601
P16 PLASTIC TERMINAL PROTECTOR
3
1
F050102
50-001-02 ROUND TRANSPARENT GRN LENS
4
1
F050413
50-004-13 220VAC GREEN NEON LAMP
PARTS LIST
ITEM
QTY
PART NUMBER
DESCRIPTION
PANEL MOUNTING
7.20
[.283 in]
1
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. MECHANICAL LIFE: 2,000,000 OPERATIONS
5. INSULATION RESISTANCE: 1,000 MILLI-OHM MIN.
6. OPERATING TEMP.: -25°C to 55°C
7. LAMP VOLTAGE: 220VAC NEON LAMP
8.
DENOTES CRITICAL PARAMETER.
A
14554
RELEASED FOR PRODUCTION
12/1/04
AR
18.00 MIN
[.709 in]
18.00 MIN
[.709 in]
16.00
n
- .00
.30
+
.630 -.000
.012
+
in
[
]
22.00
[.866 in]
12.00
[.472 in]
10.00
[.394 in]
2
3.60
[.142 in]
n18.00
[.709 in]
L
1
2
3
4
a
b (+)
SPDT
CONTACT CONFIGURATION
3
4


Similar Part No. - XF0617P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XF0610P E-SWITCH-XF0610P Datasheet
224Kb / 1P
TERMINAL NUMBERS FOR REF ONLY.
XF0611P E-SWITCH-XF0611P Datasheet
164Kb / 1P
TERMINAL NUMBERS FOR REF ONLY.
XF0612P E-SWITCH-XF0612P Datasheet
185Kb / 1P
ALL DIMENSIONS IN MM [INCH]
XF0613P E-SWITCH-XF0613P Datasheet
239Kb / 1P
TERMINAL NUMBERS FOR REF ONLY.
XF0614P E-SWITCH-XF0614P Datasheet
240Kb / 1P
TERMINAL NUMBERS FOR REF ONLY.
More results

Similar Description - XF0617P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com