Electronic Components Datasheet Search
  English  ▼

X  

XF0684P Datasheet(PDF) 1 Page - E-SWITCH

Part # XF0684P
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XF0684P Datasheet(HTML) 1 Page - E-SWITCH

  XF0684P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
P16EER11KYELYEL
1.5:1
8/25/2006
XF0684P
A
BO
1
1
PARTS LIST
DESCRIPTION
PART NUMBER
QTY
ITEM
P16EER11 BODY
F040015
1
1
5000306 YELLOW OPAQUE CONCAVE LENS
F052106
1
2
5000424 YELLOW 24V LED
F050424
1
3
P16 PLASTIC TERMINAL PROTECTOR
F051601
1
4
RECOMMENDED PANEL MOUNTING
1
A
16378
RELEASED FOR PRODUCTION
8/25/06
BO
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. OPERATING TEMP: -25
~C to +55~C
5. STORAGE TEMP: -40
~C TO +85~C
6. LAMP VOLTAGE: 24VDC LED
7. RATING: 5A @ 250 VAC
6A @ 24 VDC
8. MECHANICAL LIFE: 2 MILLION OPERATIONS
9.
DENOTES CRITICAL PARAMETER.
10. 2002/05/EC (ROHS) COMPLIANT.
L
b(+)
a
CIRCUIT
18.00 MIN
[.709 in]
18.00 MIN
[.709 in]
16.00
n
- .00
.30
+
.630 - .000
.012
+
in
[]
7.20
[.283 in]
10.80
[.425 in]
n18.00
[.709 in]
2
40.00 `.50
1.575 `.020 in
[]
3
1
2
4
3
4
24.00
[.945 in]
12.00
[.472 in]


Similar Part No. - XF0684P

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF0684-02S XFMRS-XF0684-02S Datasheet
49Kb / 1P
COMMON MODE CHOKE
XF0684-CMC113 XFMRS-XF0684-CMC113 Datasheet
73Kb / 1P
COMMON MODE CHOKE
XF0684-EP7S XFMRS-XF0684-EP7S Datasheet
48Kb / 1P
TRANSFORMER
XF0684-ET20 XFMRS-XF0684-ET20 Datasheet
46Kb / 1P
LINE FILTER
XF0684-HPCMC XFMRS-XF0684-HPCMC Datasheet
97Kb / 2P
COMMON MODE CHOKE
More results

Similar Description - XF0684P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com