Electronic Components Datasheet Search
  English  ▼

X  

XF0719P Datasheet(PDF) 1 Page - E-SWITCH

Part # XF0719P
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

XF0719P Datasheet(HTML) 1 Page - E-SWITCH

  XF0719P Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SECTION A-A
SCALE 1.50 : 1
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
P16EES11JYELYEL
2:1
5/14/2007
XF0719P
A
TN
1
1
PARTS LIST
DESCRIPTION
PART NUMBER
QTY
ITEM
P16 PLASTIC TERMINAL PROTECTOR
F051601
1
1
50-004-21 12V YEL LED
F050421
1
2
P16EES11
F040011
1
3
50-003-06 CONCAVE YEL LENS
F050306
1
4
PANEL MOUNTING
AA
7.20
[.283 in]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT RATING: 5A@ 250VAC
6A@ 24VDC
5. ELECTRICAL LIFE: 50,000 OPERATIONS
6. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
7. OPERATING TEMP.: -25°C to 55°C
8. LAMP VOLTAGE: 12VDC LED
9.
DENOTES CRITICAL PARAMETER.
10. PACKAGE: BOX/20 PCS
11. 2002/95/EC (ROHS) COMPLIANT
A
17278
RELEASED FOR PRODUCTION
5/14/07
TN
24.00 MIN
[.945 in]
18.00 MIN
[.709 in]
16.00
n
- .00
.30
+
.630 - .000
.012
+
in
[]
24.00
[.945 in]
1
L
1
2
34
a
b (+)
SPDT
CONTACT CONFIGURATION
11.40
[.449 in]
12.00
[.472 in]
4
3
2
n2.00
[.079 in]
40.00 `.50
1.575 `.020 in
[]
B
2
4
A
1
3
18.00
[.709 in]
18.00
[.709 in]


Similar Part No. - XF0719P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
XF0710P E-SWITCH-XF0710P Datasheet
54Kb / 1P
All Dimension In MM
XF0711P E-SWITCH-XF0711P Datasheet
124Kb / 1P
All Dimension In MM
XF0712P E-SWITCH-XF0712P Datasheet
135Kb / 1P
All Dimension In MM
XF0713P E-SWITCH-XF0713P Datasheet
138Kb / 1P
All Dimension In MM
XF0714P E-SWITCH-XF0714P Datasheet
113Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
More results

Similar Description - XF0719P

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com